Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI229MC-A4 Datasheet(PDF) 8 Page - AMI SEMICONDUCTOR

Part # PI229MC-A4
Description  200DPI CIS Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI229MC-A4 Datasheet(HTML) 8 Page - AMI SEMICONDUCTOR

Back Button PI229MC-A4 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI229MC-A4 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Clock pulse high duty
cycle
25
%
Clock pulse high duration
45.5
50
ns
Integration time
Tint
82
150
µs
Operating temperature(4)
Top
25
50
oC
PI227MC-A4
Parameter
Minimum
Typical
Maximum
VLED
5.0
5.5
Volts
ILED
480
550
ma
PI228MC-A4
Minimum
Typical
Maximum
VLED
5.0
5.5
Volts
ILED
650
950
ma
PI229MC-A4
Minimum
Typical
Maximum
VLED
5.0
5.5
Volts
ILED
650
950
ma
Table 6. Recommended Operating Condition (25 o C)
Note (1) current is essential constant current with supply voltage.
Note (2) determined by the longest tolerable integration time. Because of leakage current build
up, the integration time is recommended to be no greater than 10 ms.
Note (3) the maximum call out is for the modules' electrical speed. Light Source still dictates the
highest speed performance.
Note (4) this specification is a standard used by the CIS makers for the Fax Industry.
Switching Characteristics (25°C)
The Switching Characteristics (25°C) for the I/O clocks are shown in the diagram of Figure
4, on the following page. Each switch timing characteristic for each waveform is
represented by their symbolic acronym. Each corresponding switching time is defined in
the Table 7, located below Figure 4. Note: Only one video output is shown because all
four videos have identical electrical characteristic. The only physical difference is in
section 4 output, VOUT4. Section 4 has only 6 sensor chips, hence, its active scan is
shorter by 64 pixels.
(See Figure 4 on the following page)
PAGE 8 of 10 - PI227/228/229, 01-31-04


Similar Part No. - PI229MC-A4

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
   Programmable inrush current limiting
logo
AMI SEMICONDUCTOR
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
More results

Similar Description - PI229MC-A4

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
   200DPI CIS Sensor
PI223MC-A6 AMI-PI223MC-A6 Datasheet
589Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
   200DPI CIS Sensor Chip
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
   200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
   200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
   200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com