Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI223MC-A6 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI223MC-A6
Description  200DPI CIS Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI223MC-A6 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI223MC-A6 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI223MC-A6 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI223MC-A6 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI223MC-A6 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI223MC-A6 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI223MC-A6 Datasheet HTML 6Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electro-Optical Characteristics (25° C)
Table 4. Electro-optical characteristics at 25° C.
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
832
elements
Pixel to pixel spacing
125
µm
Line scanning rate
Tint(1)
420
µsec
@ 2 MHz
clock
frequency
Clock frequency(2)
f
2
MHz
See note 2
for 5.0 MHz
operation.
Bright output voltage(3)
Video Output
1.0
V
Specified
for
420
µsec.
Bright output
nonuniformity(4)
Up
<+/-30
%
Adjacent pixel
nonuniformity(5)
Uadj
<25
%
Dark nonuniformity(6)
Ud
<20
mV
Dark output voltage
Vd
<200
mV
Modulation transfer
function(7)
MTF
>50
%
See note 7
for MTF &
DOF.
Definition:
(1) Tint: Line scanning rate or integration time. Tint is determined by the interval of two
SP, start pulses. See note 2 for the high scanning speed operation.
(2) f: main clock frequency. The call out is at 2.0 MHz, but electrically it reliably operates
to 5.0 MHz. However, it must be optically modified to obtain the minimum integration
time of 167
µsec. This modification is offered as a user's option.
(3) Vpavg =
∑ Vp(n)/832
(4) Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100%
(5) Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
Upadj is the nonuniformity percentage pixel to pixel
(6) Ud = Vdmax - Vdmin
Vdmin is the minimum output on a black document(O.D.=0.8)
Vdmax: maximum output voltage of black document (O.D.= 0.8)
(7) MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]. DOF range is defined with the MTF.
MTF is measure at glass surface and at 0.4mm from the glass > 50% and peaks at
approximately mid-point of 0.2mm.
Vmax: maximum output voltage at 50 lp/inch (At 1/2 of the optical Nyquest Frequency)
Vmin: minimum output voltage at 50 lp/inch
(8) O.D. = Optical Density
(9) lp / inch: line pair per inch
PAGE 4 OF 6 - PI223MC-A6, 5/24/00


Similar Part No. - PI223MC-A6

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
   Programmable inrush current limiting
logo
AMI SEMICONDUCTOR
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI227 AMI-PI227 Datasheet
648Kb / 10P
   200DPI CIS Sensor
More results

Similar Description - PI223MC-A6

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI201M-A4 AMI-PI201M-A4 Datasheet
962Kb / 6P
   200DPI CIS Sensor
PI225MC-A6 AMI-PI225MC-A6 Datasheet
595Kb / 6P
   200DPI CIS Sensor
PI227 AMI-PI227 Datasheet
648Kb / 10P
   200DPI CIS Sensor
PI224MC-A6 AMI-PI224MC-A6 Datasheet
590Kb / 6P
   200DPI CIS Sensor
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
   200DPI CIS Sensor
PI226M-A4 AMI-PI226M-A4 Datasheet
591Kb / 6P
   200DPI CIS Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
   200DPI CIS Sensor Chip
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
   200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
   200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
   200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com