Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N256S08XXHDA Datasheet(PDF) 13 Page - AMI SEMICONDUCTOR

Part # N256S08XXHDA
Description  256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

N256S08XXHDA Datasheet(HTML) 13 Page - AMI SEMICONDUCTOR

Back Button N256S08XXHDA Datasheet HTML 7Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 8Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 9Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 10Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 11Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 12Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 13Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 14Page - AMI SEMICONDUCTOR N256S08XXHDA Datasheet HTML 15Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
This is a developmental specification and is subject to change without notice.
N256S0818HDA/N256S0830HDA
AMI Semiconductor, Inc.
Advance Information
8-Lead Plastic Small Outline, 150mil SOIC
Note:
1. All dimensions in Millimeters
2. Package dimensions exclude mold flash and protusions.
Parameter
Sym
Min
Nom
Max
Pin Pitch
p
1.27
Overall height
A
1.35
1.55
1.75
Molded Package Thickness
A2
1.32
1.42
1.55
Standoff
A1
0.10
0.18
0.25
Overall Width
E
5.79
6.02
6.20
Molded Package Width
E1
3.71
3.91
3.99
Overall Length
D
4.80
4.90
5.00
Chamfer Distance
h
0.25
0.38
0.51
Foot Length
L
0.48
0.62
0.76
Foot Angle
φ
04
8
Lead Thickness
c
0.20
0.23
0.25
Lead Width
B
0.33
0.42
0.51
Mold Draft Angle Top
α
012
15
Mold Draft Angle Bottom
β
012
15
E1
D
p
B
A2
A1
A
45o
c
β
L
h
φ
α
E


Similar Part No. - N256S08XXHDA

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2560-5002-RB 3M-N2560-5002-RB Datasheet
364Kb / 5P
   4-Wall Header
N2560-5003-RB 3M-N2560-5003-RB Datasheet
364Kb / 5P
   4-Wall Header
N2560-50K2-RB 3M-N2560-50K2-RB Datasheet
364Kb / 5P
   4-Wall Header
N2564-5002-RB 3M-N2564-5002-RB Datasheet
364Kb / 5P
   4-Wall Header
N2564-5003-RB 3M-N2564-5003-RB Datasheet
364Kb / 5P
   4-Wall Header
More results

Similar Description - N256S08XXHDA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N64S08XXHDA AMI-N64S08XXHDA Datasheet
201Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S830HA ONSEMI-N64S830HA Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24032ASA00I RENESAS-R1EX24032ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
R1EX24032ASAS0I RENESAS-R1EX24032ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com