Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N64S0818HDA Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # N64S0818HDA
Description  64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

N64S0818HDA Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button N64S0818HDA Datasheet HTML 5Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 6Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 7Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 8Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 9Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 10Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 11Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 12Page - AMI SEMICONDUCTOR N64S0818HDA Datasheet HTML 13Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
This is a developmental specification and is subject to change without notice.
AMI Semiconductor, Inc.
Advance Information
N64S0818HDA/N64S0830HDA
WRITE Operations
The serial SRAM WRITE is selected by enabling CS low. First, the 8-bit WRITE instruction is transmitted
to the device followed by the 16-bit address with the 3 MSBs being don’t care. After the WRITE instruction
and addresses are sent, the data to be stored in memory is shifted in on the SI pin.
If operating in page mode, after the initial word of data is shifted in, additional data words can be written as
long as the address requested is sequential on the same page. Simply write the data on SI pin and
continue to provide clock pulses. The internal address pointer is automatically incremented to the next
higher address on the page after each word of data is written in. This can be continued for the entire page
length of 32 words long. At the end of the page, the addresses pointer will be wrapped to the 0 word
address within the page and the operation can be continuously looped over the 32 words of the same
page. The new data will replace data already stored in the memory locations.
If operating in burst mode, after the initial word of data is shifted in, additional data words can be written to
the next sequential memory locations by continuing to provide clock pulses. The internal address pointer
is automatically incremented to the next higher address after each word of data is read out. This can be
continued for the entire array and when the highest address is reached (1FFFh), the address counter
wraps to the address 0000h. This allows the burst write cycle to be continued indefinitely. Again, the new
data will replace data already stored in the memory locations.
All WRITE operations are terminated by pulling CS high.
Word WRITE Sequence
CS
Instruction
SI
04
3
25
16
9
810
7
11
SCK
15
14
13
12
210
7
6543
210
High-Z
16-bit address
Data In
SO
21
23
22
24
28
29
30
31
26
27
25
000
0
0
010
...


Similar Part No. - N64S0818HDA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HA ONSEMI-N64S818HA Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N64S818HAS21I ONSEMI-N64S818HAS21I Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N64S818HAS21I ONSEMI-N64S818HAS21I Datasheet
154Kb / 13P
   64 kb Low Power Serial SRAMs
June, 2012 ??Rev. 11
N64S818HAS21IT ONSEMI-N64S818HAS21IT Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
More results

Similar Description - N64S0818HDA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N64S830HA ONSEMI-N64S830HA Datasheet
205Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
June 2009 - Rev. K
N64S818HA ONSEMI-N64S818HA Datasheet
206Kb / 15P
   64Kb Low Power Serial SRAMs 8K 횞 8 bit Organization
July 2008 - Rev. J
N25S818HA ONSEMI-N25S818HA Datasheet
211Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
N25S830HA ONSEMI-N25S830HA Datasheet
236Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
July 2008 - Rev. 9
logo
AMI SEMICONDUCTOR
N256S08XXHDA AMI-N256S08XXHDA Datasheet
202Kb / 15P
   256Kb Low Power Serial SRAMs 32K 횞 8 bit Organization
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A_10 Datasheet
788Kb / 24P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00A RENESAS-R1EX24008ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASA00I RENESAS-R1EX24008ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)
R1EX24008ASAS0A RENESAS-R1EX24008ASAS0A Datasheet
180Kb / 24P
   Two-wire serial interface 8k EEPROM (1024-word 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com