Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N08M1618L1AW Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # N08M1618L1AW
Description  8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

N08M1618L1AW Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button N08M1618L1AW Datasheet HTML 3Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 4Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 5Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 6Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 7Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 8Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 9Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 10Page - AMI SEMICONDUCTOR N08M1618L1AW Datasheet HTML 11Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Stock No. 23211-03 9/21/06
ADVANCE INFORMATION
7
The specifications of this device are subject to change without notice. For latest documentation see http://www.amis.com.
N08M1618L1A
Advance Information
AMI Semiconductor, Inc.
Timing Waveform of Page Mode Read Cycle (WE = VIH)
Page Address (A4 - A18)
LB, UB
OE
tAA
tCO
tHZ
tOHZ
tLBHZ, tUBHZ
tOLZ
tOE
High-Z
Data Out
tLB, tUB
tLBLZ, tUBLZ
CE1
CE2
Word Address (A0 - A3)
tAAP
tRC


Similar Part No. - N08M1618L1AW

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AB NANOAMP-N08M163WL1AB Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AB-70I NANOAMP-N08M163WL1AB-70I Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AD NANOAMP-N08M163WL1AD Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08M163WL1AD-70I NANOAMP-N08M163WL1AD-70I Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
More results

Similar Description - N08M1618L1AW

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
N08L6182A ONSEMI-N08L6182A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N08L1618C2A NANOAMP-N08L1618C2A Datasheet
251Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16bit
N08M163WL1A NANOAMP-N08M163WL1A Datasheet
234Kb / 8P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N08T1630CXB NANOAMP-N08T1630CXB Datasheet
253Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512Kx16 bit
logo
GSI Technology
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com