Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTGF180DA60TG Datasheet(PDF) 6 Page - Microsemi Corporation

Part No. APTGF180DA60TG
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGF180DA60TG Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTGF180DA60TG
www.microsemi.com
6 - 6
Cies
Cres
Coes
100
1000
10000
100000
0
1020
304050
Capacitance vs Collector to Emitter Voltage
VCE, Collector to Emitter Voltage (V)
0
50
100
150
200
250
300
350
400
450
0
200
400
600
800
Reverse Bias Safe Operating Area
VCE, Collector to Emitter Voltage (V)
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
Operating Frequency vs Collector Current
Hard
switching
ZCS
ZVS
0
30
60
90
120
150
180
40
80
120
160
200
240
IC, Collector Current (A)
V
CE = 400V
D = 50%
RG = 2.5Ω
T
J = 125°C
Tc=75°C
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APTGF50DDA60T3GDual Boost Chopper NPT IGBT Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTGF75DA60D1Boost Chopper NPT IGBT Power Module 1 2 3 Advanced Power Technology
APTGF75DDA120TGDual Boost Chopper NPT IGBT Power Module 1 2 3 4 5 Microsemi Corporation
APTGF90DA60D1Boost Chopper NPT IGBT Power Module 1 2 3 Advanced Power Technology
APTGF90DA60TGBoost chopper NPT IGBT Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTGF100DA120TGBoost chopper NPT IGBT Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTGF150DA120TGBoost chopper NPT IGBT Power Module 1 2 3 4 5 Microsemi Corporation
APTGF165DA60D1Boost Chopper NPT IGBT Power Module 1 2 3 Advanced Power Technology
APTGF25DDA120T3GDual Boost Chopper NPT IGBT Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APTGF50DA120TGBoost chopper NPT IGBT Power Module 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn