Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF90TDU60PG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGF90TDU60PG
Description  Triple dual Common Source NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF90TDU60PG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGF90TDU60PG Datasheet HTML 1Page - Microsemi Corporation APTGF90TDU60PG Datasheet HTML 2Page - Microsemi Corporation APTGF90TDU60PG Datasheet HTML 3Page - Microsemi Corporation APTGF90TDU60PG Datasheet HTML 4Page - Microsemi Corporation APTGF90TDU60PG Datasheet HTML 5Page - Microsemi Corporation APTGF90TDU60PG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGF90TDU60PG
www.microsemi.com
1 - 6
Application
AC Switches
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
Non Punch Through (NPT) Fast IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 100 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
High level of integration
Benefits
Outstanding performance at high frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Very low (12mm) profile
Easy paralleling due to positive TC of VCEsat
Each leg can be easily paralleled to achieve a dual
common source configuration of three times the
current capability
RoHS compliant
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
E5/E6
G5
E5
E3/E4
C5
G3
C6
E6
G6
C2
E2
G2
C4
E4
G4
E1
C1
G1
E1/E2
C3
E3
E5
G5
C 5
C 3
G3
E5/E6
E3
E6
G6
C 4
C 6
E4
G4
E1
E1/E2
E3/E4
C 1
G1
G2
E2
C 2
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
Tc = 25°C
110
IC
Continuous Collector Current
Tc = 80°C
90
ICM
Pulsed Collector Current
Tc = 25°C
315
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
416
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
200A @ 600V
VCES = 600V
IC = 90A @ Tc = 80°C
Triple dual Common Source
NPT IGBT Power Module


Similar Part No. - APTGF90TDU60PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF90TDU60P ADPOW-APTGF90TDU60P Datasheet
321Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
More results

Similar Description - APTGF90TDU60PG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50TDU120PG MICROSEMI-APTGF50TDU120PG Datasheet
287Kb / 7P
   Triple dual Common Source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF90TDU60P ADPOW-APTGF90TDU60P Datasheet
321Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
APTGF50TDU120P ADPOW-APTGF50TDU120P Datasheet
318Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
244Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF180DU60TG MICROSEMI-APTGF180DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DU120T ADPOW-APTGF150DU120T Datasheet
277Kb / 5P
   Dual common source NPT IGBT Power Module
APTGF350DU60 ADPOW-APTGF350DU60 Datasheet
289Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF90DU60T ADPOW-APTGF90DU60T Datasheet
297Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF100DU120T ADPOW-APTGF100DU120T Datasheet
301Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DU60TG MICROSEMI-APTGF90DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com