Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTGF90DA60TG Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APTGF90DA60TG
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGF90DA60TG Datasheet(HTML) 2 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTGF90DA60TG
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
500
µA
Tj = 25°C
2.0
2.5
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 90A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 1mA
3
5
V
IGES
Gate – Emitter Leakage Current
VGE = 20 V, VCE = 0V
±150
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
4300
Coes
Output Capacitance
470
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
400
pF
Qg
Total gate Charge
330
Qge
Gate – Emitter Charge
290
Qgc
Gate – Collector Charge
VGE = 15V
VBus = 300V
IC = 90A
200
nC
Td(on)
Turn-on Delay Time
26
Tr
Rise Time
25
Td(off)
Turn-off Delay Time
150
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 400V
IC = 90A
RG = 5 Ω
30
ns
Td(on)
Turn-on Delay Time
26
Tr
Rise Time
25
Td(off)
Turn-off Delay Time
170
Tf
Fall Time
Inductive Switching (125°C)
VGE = 15V
VBus = 400V
IC = 90A
RG = 5 Ω
40
ns
Eon
Turn-on Switching Energy
Tj = 125°C
4.3
Eoff
Turn-off Switching Energy
VGE = 15V
VBus = 400V
IC = 90A
RG = 5 Ω
Tj = 125°C
3.5
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
100
A
IF = 100 A
1.6
1.8
IF = 200 A
1.9
VF
Diode Forward Voltage
IF = 100 A
Tj = 125°C
1.4
V
Tj = 25°C
180
trr
Reverse Recovery Time
Tj = 125°C
220
ns
Tj = 25°C
390
Qrr
Reverse Recovery Charge
IF = 100A
VR = 400V
di/dt =200A/µs
Tj = 125°C
1450
nC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn