Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTGF90DA60TG Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APTGF90DA60TG
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGF90DA60TG Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGF90DA60TG
www.microsemi.com
1 - 6
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
Non Punch Through (NPT) Fast IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 100 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency
operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Easy paralleling due to positive TC of VCEsat
Low profile
RoHS compliant
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
CR1
VBUS SENSE
NTC2
Q2
G2
NTC1
OUT
VBUS
E2
0/VBUS
VBUS
OUT
OUT
NTC2
NTC1
0/VBUS
E2
E2
G2
G2
VBUS
SENSE
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
Tc = 25°C
110
IC
Continuous Collector Current
Tc = 80°C
90
ICM
Pulsed Collector Current
Tc = 25°C
315
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
416
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
200A @ 600V
VCES = 600V
IC = 90A @ Tc = 80°C
Boost chopper
NPT IGBT Power Module


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn