Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTGF90DA60TG Datasheet(PDF) 3 Page - Microsemi Corporation

Part No. APTGF90DA60TG
Description  Boost chopper NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGF90DA60TG Datasheet(HTML) 3 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APTGF90DA60TG
www.microsemi.com
3 - 6
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.3
RthJC
Junction to Case Thermal Resistance
Diode
0.55
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To Heatsink
M5
2.5
4.7
N.m
Wt
Package Weight
160
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
B 25/85
T25 = 298.15 K
3952
K


=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE T OLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn