Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTGF75DDA120TG Datasheet(PDF) 4 Page - Microsemi Corporation

Part No. APTGF75DDA120TG
Description  Dual Boost Chopper NPT IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGF75DDA120TG Datasheet(HTML) 4 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGF75DDA120TG
www.microsemi.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
25
50
75
100
125
150
0123
456
VCE (V)
Output Characteristics
VGE=15V
VGE=12V
VGE=20V
VGE=9V
0
25
50
75
100
125
150
0123
456
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
0
25
50
75
100
125
150
567
89
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
0
4
8
12
16
20
24
28
0
25
50
75
100
125
150
IC (A)
VCE = 600V
VGE = 15V
RG = 7.5 Ω
TJ = 125°C
Eon
Eoff
0
5
10
15
20
25
30
35
0
102030
40506070
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 75A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
25
50
75
100
125
150
175
0
300
600
900
1200
1500
VCE (V)
VGE=15V
TJ=125°C
RG=7.5 Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn