Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTGF50TDU120PG Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APTGF50TDU120PG
Description  Triple dual Common Source NPT IGBT Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGF50TDU120PG Datasheet(HTML) 2 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APTGF50TDU120PG
www.microsemi.com
2 - 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 1200V
Tj = 125°C
500
µA
Tj = 25°C
3.2
3.7
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 50A
Tj = 125°C
4.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 1 mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20 V, VCE = 0V
100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
3450
Coes
Output Capacitance
330
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
220
pF
Qg
Total gate Charge
330
Qge
Gate – Emitter Charge
35
Qgc
Gate – Collector Charge
VGS = 15V
VBus = 600V
IC = 50A
200
nC
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
320
Tf
Fall Time
Inductive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 50A
RG = 5 Ω
30
ns
Td(on)
Turn-on Delay Time
35
Tr
Rise Time
65
Td(off)
Turn-off Delay Time
360
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 50A
RG = 5 Ω
40
ns
Eon
Turn-on Switching Energy
Tj = 125°C
6.9
Eoff
Turn-off Switching Energy
VGE = ±15V
VBus = 600V
IC = 50A
RG = 5 Ω
Tj = 125°C
3.05
mJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 70°C
60
A
IF = 60A
2.0
2.5
IF = 120A
2.3
VF
Diode Forward Voltage
IF = 60A
Tj = 125°C
1.8
V
Tj = 25°C
400
trr
Reverse Recovery Time
Tj = 125°C
470
ns
Tj = 25°C
1200
Qrr
Reverse Recovery Charge
IF = 60A
VR = 800V
di/dt =200A/µs
Tj = 125°C
4000
nC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn