Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF50TDU120PG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF50TDU120PG
Description  Triple dual Common Source NPT IGBT Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50TDU120PG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF50TDU120PG Datasheet HTML 1Page - Microsemi Corporation APTGF50TDU120PG Datasheet HTML 2Page - Microsemi Corporation APTGF50TDU120PG Datasheet HTML 3Page - Microsemi Corporation APTGF50TDU120PG Datasheet HTML 4Page - Microsemi Corporation APTGF50TDU120PG Datasheet HTML 5Page - Microsemi Corporation APTGF50TDU120PG Datasheet HTML 6Page - Microsemi Corporation APTGF50TDU120PG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTGF50TDU120PG
www.microsemi.com
5 - 7
V
GE = 15V
25
30
35
40
45
0
255075
100
125
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
V
CE = 600V
R
G = 5Ω
V
GE=15V,
T
J=25°C
V
GE=15V,
T
J=125°C
200
250
300
350
400
025
50
75
100
125
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 600V
R
G = 5Ω
V
GE=15V
20
60
100
140
180
0
25
50
75
100
125
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
V
CE = 600V
R
G = 5Ω
T
J = 25°C
T
J = 125°C
20
30
40
50
0
255075
100
125
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 600V, VGE = 15V, RG = 5Ω
TJ=25°C,
V
GE =15V
T
J=125°C,
V
GE=15V
0
4
8
12
16
20
24
28
025
50
75
100
125
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
V
CE = 600V
R
G = 5Ω
TJ = 25°C
T
J = 125°C
0
2
4
6
8
0
255075
100
125
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
V
CE = 600V
V
GE = 15V
RG = 5Ω
Eon, 50A
Eoff, 50A
Eon, 25A
Eoff, 25A
0
2
4
6
8
10
12
14
16
18
0
10
203040
50
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
V
CE = 600V
V
GE = 15V
T
J= 125°C
Eon, 50A
Eoff, 50A
Eon, 25A
Eoff, 25A
0
2
4
6
8
0
255075
100
125
TJ, Junction Temperature (°C)
Switching Energy Losses vs Junction Temp.
V
CE = 600V
V
GE = 15V
R
G = 5Ω


Similar Part No. - APTGF50TDU120PG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF50TDU120P ADPOW-APTGF50TDU120P Datasheet
318Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
More results

Similar Description - APTGF50TDU120PG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90TDU60PG MICROSEMI-APTGF90TDU60PG Datasheet
286Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF90TDU60P ADPOW-APTGF90TDU60P Datasheet
321Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
APTGF50TDU120P ADPOW-APTGF50TDU120P Datasheet
318Kb / 6P
   Triple dual Common Source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF300DU120G MICROSEMI-APTGF300DU120G Datasheet
244Kb / 5P
   Dual Common Source NPT IGBT Power Module
APTGF180DU60TG MICROSEMI-APTGF180DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DU120T ADPOW-APTGF150DU120T Datasheet
277Kb / 5P
   Dual common source NPT IGBT Power Module
APTGF350DU60 ADPOW-APTGF350DU60 Datasheet
289Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF90DU60T ADPOW-APTGF90DU60T Datasheet
297Kb / 6P
   Dual common source NPT IGBT Power Module
APTGF100DU120T ADPOW-APTGF100DU120T Datasheet
301Kb / 6P
   Dual common source NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DU60TG MICROSEMI-APTGF90DU60TG Datasheet
288Kb / 6P
   Dual common source NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com