Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FS6377-01 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part No. FS6377-01
Description  Programmable 3-PLL Clock Generator IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS6377-01 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  FS6377-01 Datasheet HTML 1Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 2Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 3Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 4Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 5Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 6Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 7Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 8Page - AMI SEMICONDUCTOR FS6377-01 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
AMI Semiconductor
www.amis.com
FS6377-01/FS6377-01g Programmable 3-PLL Clock Generator IC
Data Sheet
Table 1. Pin Descriptions
Pin
Type
Name
Description
1
DIuO
SDA
Serial interface data input/output
2
DIu
SEL_CD
Selects one of two PLL C, mux D/C and post divider C/D combinations
3
DIu
PD
Power-down input
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator input
6
AO
XOUT
Crystal oscillator output
7
DIu
OE
Output enable input
8
P
VDD
Power supply (5V to 3.3V)
9
DIu
ADDR
Address select
10
DO
CLK_D
D clock output
11
P
VSS
Ground
12
DO
CLK_C
C clock output
13
DO
CLK_B
B clock output
14
P
VDD
Power supply (5V to 3.3V)
15
DO
CLK_A
A clock output
16
DIu
SCL
Serial interface clock input
3.0 Functional Block Description
Each of the three on-chip phase-locked loops (PLLs) is a
standard phase- and frequency-locked loop architecture
that multiplies a reference frequency to a desired
frequency by a ratio of integers. This frequency
multiplication is exact.
As shown in Figure 3, each PLL consists of a reference
divider, a phase-frequency detector (PFD), a charge
pump, an internal loop filter, a voltage-controlled oscillator
(VCO), and a feedback divider.
During operation, the reference frequency (fREF), generated
by the on-board crystal oscillator, is first reduced by the
reference divider. The divider value is called the
"modulus," and is denoted as NR for the reference divider.
The divided reference is then fed into the PFD.
The PFD controls the frequency of the VCO (fVCO) through
the charge pump and loop filter. The VCO provides a high-
speed, low noise, continuously variable frequency clock
source for the PLL. The output of the VCO is fed back to
the PFD through the feedback divider (the modulus is
denoted by NF) to close the loop.
The PFD will drive the VCO up or down in frequency until
the divided reference frequency and the divided VCO
frquency appearing at the inputs of the PFD are equal.
The input/output relationship between the reference
frequency and the VCO frequency is:
3.1 Phase Locked Loops
fVCO = fREF
().
NF
NR
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Feedback
Divider (N
F)
Loop
Filter
REFDIV[7:0]
FBKDIV[10:0]
LFTC
CP
f
REF
f
VCO
Voltage
Controlled
Oscillator
f
PD
Figure 3: PLL Diagram
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input With Internal Pull-Up; DID = Input With Internal Pull-Down; DIO = Digital Input/Output;
DI-3 = Three-Level Digital Input, DO = Digital Output; P = Power/Ground; # = Active Low pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn