Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-722402 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-722402
Description  Contact Image Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-722402 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-722402 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-722402 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AMIS-722402: Contact Image Sensor
Data Sheet
4.3 Wafer Scribe Line
Figure 3 outlines the scribe line dimensions surrounding the sensor die on a wafer.
55µm
55µm
55µm
55µm
230µm
14560µm
Figure 3: Wafer Scribe Line
5
AMI Semiconductor
– Jan. 06, M-20499-004
www.amis.com


Similar Part No. - AMIS-722402

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMIS-72 ADVANTECH-AMIS-72 Datasheet
1Mb / 4P
   TeleHealth Cart
15-Jun-2021
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720233-B AMI-AMIS-720233-B Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720341-A AMI-AMIS-720341-A Datasheet
1Mb / 16P
   Contact Image Sensor
More results

Similar Description - AMIS-722402

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720649 AMI-AMIS-720649 Datasheet
345Kb / 10P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com