Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-720649 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-720649
Description  Contact Image Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-720649 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-720649 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-720649 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMIS-720649: Contact Image Sensor
Data Sheet
3.0 Key Features
• 600dpi
• 344 image sensor elements (pixels)
• 42.3µm pixel center-to-center spacing (23.62dots/mm)
• On-chip amplifier
• Single 5.0V power supply
• 5.0V input clocks
• 2.5MHz maximum pixel rate
• Parallel / integrate and transfer
• Power-down circuit
• High sensitivity
• Low power
• Low noise
4.0 Unique Features
There are five unique features incorporated in the AMIS-720649 which improve the sensor’s performance.
4.1 Pixel-to-Pixel Offset Cancellation Circuit
The sensor employs a pixel-to-pixel offset cancellation circuit, which reduces the fix pattern noise (FPN), and amplifier offsets. In
addition, this innovative circuit design greatly improves the optical linearity and low noise sensitivity.
4.2 Parallel Integrate, Transfer and Hold
The sensor has a parallel integrate, transfer and hold feature, which allows the sensor to be read out while photon integration is taking
place. These features are approached through the use of an integrate and hold cell, located at each pixel site. Each pixel’s charge is
read from its storage site as the sensor’s shift register sequentially transfers each pixel’s charge onto a common video line.
4.3 Dual Scan Initiation Inputs, GBST and SI
Each sensor has two scan initiation inputs, the global start pulse (GBST) and the start pulse (SI). These clocks help to reduce the
sensor-to-sensor transition fix pattern noise by initializing and preprocessing all sensors simultaneously before they start their readout
scan. The internal shift register starts the scan after GBST is clocked in on the falling edge of the clock input (CLK).
The start input control (SIC) selects the first sensor in a sequence of cascaded sensors to operate with 29 clock cycles of delay by
connecting it to Vdd on the first sensor, and to ground for all subsequent sensors. Then, only the first sensor clocks out 29 inactive
pixels before accessing its first active pixel. During these 29 clock cycles, the first sensor and all of the subsequent cascaded sensors
cycle through their pre-scan initialization process. After initialization, only the first sensor starts its read cycle with its first-active pixel
appearing on the 30
th clock cycle. The second and subsequent sensors await the entry of their SI. Furthermore, the first sensor’s SI is
left unconnected, while the subsequent sensors all have their SI’s connected to the end-of-scan (SO) of their respective preceding
sensor. The external scan SI is connected to all of the sensors' GBST inputs.
As the first sensor completes its scan, its SO, appears one pixel before its last pixel. The second and subsequent sensors will then start
their registers one clock cycle before the appearance of their respective first pixels, and their SO also appears one pixel before their last
pixel.
2
AMI Semiconductor
– Dec. 05, M-20488-001
www.amis.com


Similar Part No. - AMIS-720649

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
   600dpi CIS Sensor Chip
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
More results

Similar Description - AMIS-720649

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
AMIS-720658 AMI-AMIS-720658 Datasheet
636Kb / 15P
   Contact Image Sensor
AMIS-722402 AMI-AMIS-722402 Datasheet
740Kb / 15P
   Contact Image Sensor
PI6049A AMI-PI6049A Datasheet
977Kb / 13P
   Contact Image Sensor
PI6050D AMI-PI6050D Datasheet
1Mb / 15P
   Contact Image Sensor
AMIS-720442 AMI-AMIS-720442 Datasheet
493Kb / 16P
   400dpi Contact Image Sensor
logo
Mitsubishi Electric Sem...
UA2B200AX MITSUBISHI-UA2B200AX Datasheet
93Kb / 6P
   Contact Type Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com