Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1561 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1561 Datasheet HTML 3Page - NXP Semiconductors TDA1561 Datasheet HTML 4Page - NXP Semiconductors TDA1561 Datasheet HTML 5Page - NXP Semiconductors TDA1561 Datasheet HTML 6Page - NXP Semiconductors TDA1561 Datasheet HTML 7Page - NXP Semiconductors TDA1561 Datasheet HTML 8Page - NXP Semiconductors TDA1561 Datasheet HTML 9Page - NXP Semiconductors TDA1561 Datasheet HTML 10Page - NXP Semiconductors TDA1561 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Aug 14
7
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
Heatsink design
There are two parameters that determine the size of the
heatsink. The first is the rating for the virtual junction
temperature and the second is the ambient temperature at
which the amplifier must still deliver its full power in the
BTL mode.
With a conventional BTL amplifier, the maximum power
dissipation with a music-like signal (at each amplifier) will
be approximately two times 5 W. At a virtual junction
temperature of 150
°C and a maximum ambient
temperature of 60
°C, R
th(vj-c) = 1.3 K/W and
Rth(c-h) = 0.2 K/W, the thermal resistance of the heatsink
should be:
Compared to a conventional BTL amplifier, the TDA1561Q
has a higher efficiency. The thermal resistance of the
heatsink should be:
150
60
25
×
----------------------
1.3
0.2
7.5 K/W
=
1.7
150
60
25
×
----------------------


1.3
0.2
13.8 K/W
=
Fig.3 Thermal equivalent resistance network.
handbook, halfpage
3.6 K/W
0.6 K/W
3.6 K/W
virtual junction
OUT 1
OUT 1
case
3.6 K/W
0.6 K/W
3.6 K/W
OUT 2
OUT 2
MGC424
0.1 K/W


Similar Part No. - TDA1561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
   70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results

Similar Description - TDA1561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
   2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
   High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
   2 x 6 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
   2 x 35 W power amplifier for car radio
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
logo
STMicroelectronics
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
   2 x 37 W dual/quad power amplifier for car radio
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com