Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-710414 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-710414
Description  400dpi CIS Module Four Parallel Video Outputs for RED IR Light Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710414 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-710414 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMIS-710414-A4: 400dpi CIS Module
Data Sheet
Four Parallel Video Outputs for RED + IR Light Source
9.0 Switching Characteristics (25°C)
The switching characteristics (at 25°C) for the I/O clocks are shown in Figure 4. For the timing symbol definitions, see Table 6.
Figure 3: Timing Diagram
Note: Only one video output is shown because all four videos have identical electrical characteristics. The only physical difference between outputs is in the Section 4 output,
VOUT4. Section 4 has only six sensor chips, hence its active scan is shorter by 128 pixels.
Table 6: Timing Symbol Definitions for Figure 3 Timing Diagram
Parameters
Symbol
Min.
Typ.
Max.
Units
Clock cycle time
to
0.20
4.0
µs
Clock pulse width
tw
50
ns
Clock duty cycle
25
75
%
Prohibit crossing time of SP
tprh
0
ns
Data setup time
tds
20
ns
Data hold time
tdh
0
ns
Signal delay time
tdl
20
ns
Signal settling time
tsh
100
ns
Note:
(1)
"Prohibit crossing of start pulse" is to indicate that the start pulse should not be active high between any two consecutive high going clock pulse or two consecutive
low going clock pulses (see Figure 3). Only one high going clock under the active high start pulse initiates the internal shift register and it must not be active over
two high going clocks. All low going clock pulses will not initiate the shift register. To ensure that the start pulse will not be actively high during two consecutive
high going clocks, the circuit should be designed to keep the start pulse active only for one high going clock cycle.
5
AMI Semiconductor – Aug. 06, M-20612-001
www.amis.com


Similar Part No. - AMIS-710414

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
AMIS-710411-A7 AMI-AMIS-710411-A7 Datasheet
243Kb / 7P
   400dpi CIS Module
More results

Similar Description - AMIS-710414

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
   400DPI CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
   400dpi CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
   400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
   400dpi CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com