Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-710414 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710414
Description  400dpi CIS Module Four Parallel Video Outputs for RED IR Light Source
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710414 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710414 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710414 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710414-A4: 400dpi CIS Module
Data Sheet
Four Parallel Video Outputs for RED + IR Light Source
4.0 Connector Pin Out Designation
The part number for the connector is EBW-PK23-P012L2-3Z.
Table 1: Pin-out Configuration
Pin Number
Symbol
Names and Functions
1
VOUT1
Analog video output 1
2
VOUT2
Analog video output 2
3
GND
Ground; 0V
4
VOUT 3
Analog video output 3
5
VOUT 4
Analog video output 4
6
Vdd (+5V)
Positive power supply
7
SP (START)
Shift register start pulse
8
GLED IR
Ground for IR light source; 0V
9
CP (CLOCK)
Sampling clock pulse
10
Vn (-5V to -12V)
Negative power supply
11
GLED RED
Ground for the RED light source; 0V
12
VLED
Supply for the light source
5.0 Maximum Ratings
Table 2: Maximum Rating
Parameter
Symbols
Maximum Rating
Units
Vdd
7
V
Idd
100
mA
Vn
-15
V
In
35
mA
VLED IR
5.5
V
VLED RED
5.5
V
ILED IR
650
mA
Power supply voltage
ILED RED
500
mA
Input clock pulse (high level)
Vih
Vdd
V
Input clock pulse (low level)
Vil
-0.5
V
Note: These are the maximum ratings and are not to be used in a prolonged condition.
6.0 Operating Environment
Table 3: Operating Environment
Parameter
Symbol
Range
Units
Operating temperature
Top
0 to +50
°C
Operating humidity
Hop
+10 to +85
%
Storage temperature
Tstg
-25 to +75
°C
Storage humidity
Hstg
+5 to +95
%
3
AMI Semiconductor – Aug. 06, M-20612-001
www.amis.com


Similar Part No. - AMIS-710414

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
AMIS-710411-A7 AMI-AMIS-710411-A7 Datasheet
243Kb / 7P
   400dpi CIS Module
More results

Similar Description - AMIS-710414

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI411MC-A7 AMI-PI411MC-A7 Datasheet
867Kb / 7P
   400DPI CIS Module
AMIS-710411 AMI-AMIS-710411 Datasheet
243Kb / 7P
   400dpi CIS Module
PI403MC-A6 AMI-PI403MC-A6 Datasheet
591Kb / 6P
   400DPI CIS Module
AMIS-710400 AMI-AMIS-710400 Datasheet
226Kb / 7P
   400dpi CIS Module
PI409MC-A4 AMI-PI409MC-A4 Datasheet
611Kb / 8P
   400DPI CIS Module
PI400MC-A4 AMI-PI400MC-A4 Datasheet
600Kb / 7P
   400DPI CIS Module
AMIS-710403 AMI-AMIS-710403 Datasheet
219Kb / 7P
   400dpi CIS Module
AMIS-710409 AMI-AMIS-710409 Datasheet
242Kb / 8P
   400dpi CIS Module
AMIS-710404 AMI-AMIS-710404 Datasheet
219Kb / 7P
   400dpi CIS Module
PI404MC-A8 AMI-PI404MC-A8 Datasheet
605Kb / 7P
   400DPI CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com