Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1560Q Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA1560Q
Description  40 W car radio high power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1560Q Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA1560Q Datasheet HTML 5Page - NXP Semiconductors TDA1560Q Datasheet HTML 6Page - NXP Semiconductors TDA1560Q Datasheet HTML 7Page - NXP Semiconductors TDA1560Q Datasheet HTML 8Page - NXP Semiconductors TDA1560Q Datasheet HTML 9Page - NXP Semiconductors TDA1560Q Datasheet HTML 10Page - NXP Semiconductors TDA1560Q Datasheet HTML 11Page - NXP Semiconductors TDA1560Q Datasheet HTML 12Page - NXP Semiconductors TDA1560Q Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1996 May 14
9
Philips Semiconductors
Product specification
40 W car radio high power amplifier
TDA1560Q
AC CHARACTERISTICS
VP = 14.4 V; RL =8 Ω; fi = 1 kHz; Tamb =25 °C and using 4 K/W heatsink; measured in Fig.6;
unless otherwise specified.
Notes
1. With a continuous sine wave input signal the output power is approximately 1 W less than driven with a bursted
signal; also depending on the equivalent series resistance of the electrolytic capacitors C1 and C2 (see Fig.6) and
the resistance of the connections between pins 5, 8, 10 and 13 and C1, C2.
2. The power bandwidth is limited by the value of the electrolytic capacitors C1 and C2.
3. Frequency response is externally fixed by the input coupling capacitor.
4. Ripple rejection measured at the output, across RL, with a source impedance of 0 Ω and a frequency between 100 Hz
and 10 kHz, and an amplitude of 2 V (p-p). The maximum supply voltage ripple is 2.5 V RMS.
5. The common mode rejection ratio is measured at the output, across RL, with a voltage source (500 mV RMS)
between both short-circuited inputs and signal ground (see Fig.5). Frequencies are between 100 Hz and 10 kHz.
6. Noise output voltage measured in a bandwidth of 20 Hz to 20 kHz.
7. Noise output voltage independent of source impedance.
8. Input impedance without external resistor (Rex).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
class-H operation
THD = 0.5%
27
30
W
THD = 10%;
continuously driven
36
39
W
THD = 10%;
with burst signals; note 1
40
W
class-B operation
THD = 10%
7
10
W
THD
total harmonic distortion
Po =1W
0.05
%
Po =10W
0.1
%
B
power bandwidth
THD = 0.5%; Po = −1dB
with respect to 30 W; note 2
40 to 15000
Hz
flr
low frequency roll-off
−3 dB; note 3
40
Hz
fhr
high frequency roll-off
−1dB
20
−−
kHz
Gv
voltage gain
29
30
31
dB
SVRR
supply voltage ripple rejection
note 4
on
48
55
dB
mute
48
65
dB
standby
80
−−
dB
CMRR
common mode rejection ratio
note 5
64
−−
dB
Vi(max)
maximum input voltage
1.2
V
Vno
noise output voltage
on; RS =0 Ω; note 6
100
300
µV
on; RS =10kΩ; note 6
150
−µV
mute; notes 6 and 7
100
−µV
ZI
input impedance
note 8
180
300
k


Similar Part No. - TDA1560Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
   70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results

Similar Description - TDA1560Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
   32 W bridge car radio amplifier
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
   32 W bridge car radio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com