Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1558 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1558
Description  2 x 22 W or 4 x 11 W single-ended car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1558 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1558 Datasheet HTML 1Page - NXP Semiconductors TDA1558 Datasheet HTML 2Page - NXP Semiconductors TDA1558 Datasheet HTML 3Page - NXP Semiconductors TDA1558 Datasheet HTML 4Page - NXP Semiconductors TDA1558 Datasheet HTML 5Page - NXP Semiconductors TDA1558 Datasheet HTML 6Page - NXP Semiconductors TDA1558 Datasheet HTML 7Page - NXP Semiconductors TDA1558 Datasheet HTML 8Page - NXP Semiconductors TDA1558 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
May 1992
5
Philips Semiconductors
Product specification
2 x 22 W or 4 x 11 W single-ended car
radio power amplifier
TDA1558Q
LIMITING VALUES
In accordance with the Absolute maximum System (IEC 134).
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
positive supply voltage
operating
18
V
non-operating
30
V
load dump protected; during 50
ms; rise time
≥ 2.5 ms
45
V
VPSC
AC and DC short-circuit safe voltage
18
V
VPR
reverse polarity
6V
energy handling capability at outputs
VP = 0
200
mJ
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Ptot
total power dissipation
60
W
Tstg
storage temperature range
−55
+150
°C
Tj
junction temperature
−+150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth vj-a
from virtual junction to ambient in free air
40 K/W
Rth vj-c
from virtual junction to case (see Fig.3)
1.5 K/W
Fig.3 Equivalent thermal resistance network.
handbook, halfpage
4.0 K/W
0.8 K/W
4.0 K/W
virtual junction
output 1
output 2
case
4.0 K/W
0.8 K/W
4.0 K/W
output 3
output 4
MBC041
0.1 K/W


Similar Part No. - TDA1558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

Similar Description - TDA1558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com