Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM18-10003 Datasheet(PDF) 3 Page - Bi technologies

Part # HM18-10003
Description  Common-Mode Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM18-10003 Datasheet(HTML) 3 Page - Bi technologies

  HM18-10003 Datasheet HTML 1Page - Bi technologies HM18-10003 Datasheet HTML 2Page - Bi technologies HM18-10003 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6
6-65
Model HM18 Series
SPECIFICATIONS
Current Rating
Inductance
DC
Wire
Part
@40˚C Rise
@ 10 kHz
Resistance
Gauge
Number
Amps
mH Min.
Ω Max.
AWG (mm)(1)
Figure
HM18-20001
1.0
15
0.60
26 (0.40)
2
HM18-20002
1.5
8.5
0.34
25 (0.45)
2
HM18-20003
2.0
6.2
0.24
24 (0.51)
2
HM18-20004
2.5
3.9
0.15
23 (0.57)
2
HM18-20005
3.0
2.2
0.09
22 (0.64)
2
HM18-10001
1.0
15
0.60
26 (0.40)
1
HM18-10002
1.5
8.5
0.34
25 (0.45)
1
HM18-10003
2.0
6.2
0.24
24 (0.51)
1
HM18-10004
2.5
3.9
0.15
23 (0.57)
1
HM18-10005
3.0
2.2
0.09
22 (0.64)
1
HM18-30001
2.0
20
0.85
24 (0.51)
3
HM18-30002
2.5
12
0.30
23 (0.57)
3
HM18-30003
3.0
9.0
0.21
22 (0.64)
3
HM18-30004
3.5
5.0
0.13
21 (0.72)
3
HM18-30005
4.0
2.5
0.07
20 (0.81)
3
HM18-40001
2.0
14
0.60
24 (0.51)
4
HM18-40002
2.5
7.0
0.25
23 (0.57)
4
HM18-40003
3.0
6.2
0.15
22 (0.64)
4
HM18-40004
3.5
3.3
0.09
21 (0.72)
4
HM18-40005
4.0
1.7
0.06
20 (0.81)
4
FIGURE 2 (Inch/mm)
;;
;;
;;
;;
;;
;;
;
;
1.00
25.40
Max.
.72
±.01
18.30
±.25
.03 x .05 Typ.
1.06
27.0
.97
24.64
1.97
5.0
Min.
Max.
Max.
0.50
±.01
12.70
±0.25
(3)
(1)
(2)
(4)
BOTTOM VIEW
Note: (1) Nominal bare wire diameter.


Similar Part No. - HM18-10003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM18-10003 ETC-HM18-10003 Datasheet
103Kb / 3P
   EE Style Common-Mode Chokes
More results

Similar Description - HM18-10003

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com