Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1553CQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA1553CQ
Description  2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA1553CQ Datasheet(HTML) 2 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1995 Dec 15
2
Philips Semiconductors
Product specification
2
× 22 W stereo BTL car radio power amplifier with
loudspeaker protection and 3-state mode switch
TDA1553CQ
FEATURES
• Few peripheral components
• High output power
• Low output offset voltage
• Fixed gain
• Loudspeaker protection
• Good ripple rejection
• 3-state mode switch (operating, mute, standby)
• Load dump protection
• AC and DC short-circuit safe to ground and to VP
• Thermally protected
• Reverse polarity safe
• High energy handling capability at the outputs (VP =0)
• Electrostatic discharge protection
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance.
GENERAL DESCRIPTION
The TDA1553CQ is a monolithic integrated class-B output
amplifier in a 13-lead plastic DIL-bent-SIL power package.
It contains 2
× 22 W amplifiers in BTL configuration.
The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage
operating
6
14.4
18
V
non-operating
−−
30
V
load dump
−−
45
V
IORM
repetitive peak output current
−−
4A
Iq
total quiescent current
80
mA
Istb
standby current
40
100
µA
|Z
i|
input impedance
50
−−
k
Tvj
virtual junction temperature
−−
150
°C
Stereo application
PO
output power
at 4
Ω; THD = 10%
22
W
SVRR
supply voltage ripple rejection
Rs =0 Ω; f = 100 Hz to 10 kHz
48
−−
dB
|∆VO|
DC output offset voltage
−−
150
mV
α
cs
channel separation
40
−−
dB
|∆G
v|
channel unbalance
−−
1dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1553CQ
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn