Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC80H29SCTG Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTC80H29SCTG
Description  Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC80H29SCTG Datasheet(HTML) 7 Page - Microsemi Corporation

  APTC80H29SCTG Datasheet HTML 1Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 2Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 3Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 4Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 5Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 6Page - Microsemi Corporation APTC80H29SCTG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
APTC80H29SCTG
www.microsemi.com
7 – 7
Typical SiC Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.5
1
1.5
2
2.5
3
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Forward Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
2
4
6
8
10
00.5
1
1.522.533.5
VF Forward Voltage (V)
Reverse Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
50
100
150
200
400
600
800 1000 1200 1400 1600
VR Reverse Voltage (V)
Capacitance vs.Reverse Voltage
0
100
200
300
400
1
10
100
1000
VR Reverse Voltage
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTC80H29SCTG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
More results

Similar Description - APTC80H29SCTG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC80H29SCT ADPOW-APTC80H29SCT Datasheet
319Kb / 7P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC60HM45SCTG MICROSEMI-APTC60HM45SCTG Datasheet
244Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTC60HM70SCTG ADPOW-APTC60HM70SCTG Datasheet
343Kb / 8P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC90H12SCTG MICROSEMI-APTC90H12SCTG Datasheet
218Kb / 6P
   Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
logo
Advanced Power Technolo...
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
   Full bridge Series & SiC parallel diodes MOSFET Power Module
APTC60AM18SCG MICROSEMI-APTC60AM18SCG Datasheet
303Kb / 7P
   Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com