Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTC80H15T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APTC80H15T3G
Description  Full - Bridge Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC80H15T3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTC80H15T3G Datasheet HTML 1Page - Microsemi Corporation APTC80H15T3G Datasheet HTML 2Page - Microsemi Corporation APTC80H15T3G Datasheet HTML 3Page - Microsemi Corporation APTC80H15T3G Datasheet HTML 4Page - Microsemi Corporation APTC80H15T3G Datasheet HTML 5Page - Microsemi Corporation APTC80H15T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTC80H15T3G
www.microsemi.com
2 – 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 800V
Tj = 25°C
50
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 800V
Tj = 125°C
375
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 14A
150
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±150
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
4507
Coss
Output Capacitance
2092
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
108
pF
Qg
Total gate Charge
180
Qgs
Gate – Source Charge
22
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 400V
ID = 28A
90
nC
Td(on)
Turn-on Delay Time
10
Tr
Rise Time
13
Td(off)
Turn-off Delay Time
83
Tf
Fall Time
Inductive switching @125°C
VGS = 15V
VBus = 533V
ID = 28A
RG = 2.5Ω
35
ns
Eon
Turn-on Switching Energy
486
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 533V
ID = 28A, RG = 2.5Ω
278
µJ
Eon
Turn-on Switching Energy
850
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 533V
ID = 28A, RG = 2.5Ω
342
µJ
Source - Drain diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Tc = 25°C
28
IS
Continuous Source current
(Body diode)
Tc = 80°C
21
A
VSD
Diode Forward Voltage
VGS = 0V, IS = - 28A
1.2
V
dv/dt
Peak Diode Recovery
6
V/ns
trr
Reverse Recovery Time
Tj = 25°C
550
ns
Qrr
Reverse Recovery Charge
IS = - 28A
VR = 400V
diS/dt = 200A/µs
Tj = 25°C
30
µC
dv/dt numbers reflect the limitations of the circuit rather than the device itself.
IS ≤ - 28A
di/dt
≤ 200A/µs
VR ≤ VDSS
Tj ≤ 150°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn