Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

APTC80H15T3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APTC80H15T3G
Description  Full - Bridge Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTC80H15T3G Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTC80H15T3G
www.microsemi.com
1 – 6
11
Q4
14
13
23
Q2
10
8
7
3
4
22
29
31
R1
15
16
32
26
19
18
Q1
Q3
27
30
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
800
V
Tc = 25°C
28
ID
Continuous Drain Current
Tc = 80°C
21
IDM
Pulsed Drain current
110
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
150
m
PD
Maximum Power Dissipation
Tc = 25°C
277
W
IAR
Avalanche current (repetitive and non repetitive)
17
A
EAR
Repetitive Avalanche Energy
0.5
EAS
Single Pulse Avalanche Energy
670
mJ
VDSS = 800V
RDSon = 150mΩ max @ Tj = 25°C
ID = 28A @ Tc = 25°C
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
Each leg can be easily paralleled to achieve a phase
leg of twice the current capability
RoHS Compliant
Full - Bridge
Super Junction MOSFET
Power Module


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn