Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA1552Q Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA1552Q
Description  2 x 22 W BTL stereo car radio power amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1552Q Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1552Q Datasheet HTML 1Page - NXP Semiconductors TDA1552Q Datasheet HTML 2Page - NXP Semiconductors TDA1552Q Datasheet HTML 3Page - NXP Semiconductors TDA1552Q Datasheet HTML 4Page - NXP Semiconductors TDA1552Q Datasheet HTML 5Page - NXP Semiconductors TDA1552Q Datasheet HTML 6Page - NXP Semiconductors TDA1552Q Datasheet HTML 7Page - NXP Semiconductors TDA1552Q Datasheet HTML 8Page - NXP Semiconductors TDA1552Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier
TDA1552Q
PINNING
FUNCTIONAL DESCRIPTION
The TDA1552Q contains two identical amplifiers with differential input stages and can be used for bridge applications.
The gain of each amplifier is fixed at 26 dB. A special feature of this device is:
Mute/stand-by switch
• low stand-by current (< 100 µA)
• low mute/stand-by switching current (low cost supply switch)
• mute facility.
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
1
IP1
input 1
8
GND2
power ground 2 (substrate)
2
GND
ground (signal)
9
OUT2B
output 2B
3VP1
positive supply voltage 1
10
VP2
positive supply voltage 2
4
OUT1A
output 1A
11
M/SS
mute/stand-by switch
5
GND1
power ground 1 (substrate)
12
n.c.
not connected
6
OUT1B
output 1B
13
IP2
input 2
7
OUT2A
output 2A
PARAMETER
CONDITIONS
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
operating
VP
18
V
non-operating
VP
30
V
load dump protected
during 50 ms;
tr ≥ 2.5 ms
VP
45
V
Non-repetitive peak output current
IOSM
6A
Repetitive peak output current
IORM
4A
Storage temperature range
Tstg
−55
+150
°C
Junction temperature
Tj
150
°C
AC and DC short-circuit-safe voltage
VPSC
18
V
Energy handling capability at outputs
VP = 0 V
200
mJ
Reverse polarity
VPR
6V
Total power dissipation
see Fig.2
Ptot
60
W


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn