Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AMIS-42665 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part No. AMIS-42665
Description  High-Speed Low Power CAN Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42665 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-42665 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42665 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AMIS-42665 High-Speed Low Power CAN Transceiver
Data Sheet
6.0 Typical Application
AMIS-
42665
V
CC
STB
RxD
TxD
1
4
CAN
controller
GND
V
CC
VBAT
5V-reg
IN
OUT
GND
2
3
8
CANH
CANL
V
SPLIT
5
6
7
CAN
BUS
R
LT = 60 Ω
PC20040829.3
R
LT = 60 Ω
C
LT = 47 nF
6.1 Application Schematic
Figure 2: Application Diagram
6.2 Pin Description
5
6
7
8
1
2
3
4
TxD
RxD
STB
V
SPLIT
GND
CANL
CANH
VCC
PC20040829.1
Figure 3: Pin Configuration
Table 2: Pinout
Pin
Name
Description
1
TxD
Transmit data input; low input => dominant driver; internal pull-up current
2
GND
Ground
3
VCC
Supply voltage
4
RxD
Receive data output; dominant transmitter => low output
5
VSPLIT
Common-mode stabilization output
6
CANL
Low-level CAN bus line (low in dominant mode)
7
CANH
High-level CAN bus line (high in dominant mode)
8
STB
Standby mode control input
3
AMI Semiconductor
– Rev. 3.1, April 06
www.amis.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn