Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1549T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1549T
Description  Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1549T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1549T Datasheet HTML 1Page - NXP Semiconductors TDA1549T Datasheet HTML 2Page - NXP Semiconductors TDA1549T Datasheet HTML 3Page - NXP Semiconductors TDA1549T Datasheet HTML 4Page - NXP Semiconductors TDA1549T Datasheet HTML 5Page - NXP Semiconductors TDA1549T Datasheet HTML 6Page - NXP Semiconductors TDA1549T Datasheet HTML 7Page - NXP Semiconductors TDA1549T Datasheet HTML 8Page - NXP Semiconductors TDA1549T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
August 1994
2
Philips Semiconductors
Objective specification
Stereo 4fs data input up-sampling filter with
bitstream continuous calibration DAC (BCC-DAC1)
TDA1549T
FEATURES
• Easy application
• Finite-duration impulse-response (FIR) filtering and
noise shaping incorporated
• 2nd-order noise shaper
• Wide dynamic range (true 18-bit resolution)
• Low total harmonic distortion
• No zero-crossing distortion
• Superior signal-to-noise ratio
• Bitstream continuous calibration conversion concept
• Inherently monotonic
• Voltage output (1.5 V RMS) at line drive level
• Single supply rail (3.8 to 5.5 V)
• Optimum output voltage level over the entire supply
range
• Small outline packaging (SO16)
• Wide operating temperature range (−30 to +85 °C)
• Standard Japanese input format
• No analog post-filtering required
• Low power consumption
• Integrated operational amplifiers.
GENERAL DESCRIPTION
The TDA1549T (BCC-DAC1) is the first of a new
generation of digital-to-analog converters featuring a
unique combination of bitstream and continuous
calibration concepts.
A system of digital filtering, high oversampling, 2nd order
noise shaping and continuous calibration digital-to-analog
conversion ensures that only simple 1st order analog
filtering is required. The circuit accepts 18-bit four times
oversampled input data (4fs) in standard Japanese format.
Internal FIR filters remove the main spectral components
and increase the sampling rate to 96 times (96fs). A 2nd
order noise shaper converts this oversampled data to a
5-bit data stream. For low signal levels the converter
operates in the 1-bit bitstream mode with attendant high
differential linearity. Higher level signals are reproduced
using the dynamic continuous calibration technique,
thereby guaranteeing high linearity independent of
process variations, temperature effects and product
ageing.
High-precision, low-noise amplifiers convert the
digital-to-analog current to an output voltage capable of
driving a line output. Externally connected capacitors
perform the required 1st order filtering so that no further
post-filtering is required.
Internal reference circuitry ensures that the output voltage
is proportional to the supply voltage, thereby making
optimum use of the supply voltage over a wide range
(3.8 to 5.5 V). This unique configuration of bitstream and
continuous calibration techniques, together with a high
degree of analog and digital integration, results in a
digital-to-analog conversion system with true 18-bit
dynamic range, high linearity and simple low-cost
application.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1549T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162
−1


Similar Part No. - TDA1549T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
More results

Similar Description - TDA1549T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com