Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTC60HM70SCTG Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APTC60HM70SCTG
Description  Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTC60HM70SCTG Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APTC60HM70SCTG
www.microsemi.com
1 – 8
OUT1 OUT2
G1
S1
CR2A
Q1
CR1A
CR3B
CR1B
G2
S2
NTC1
CR2B
Q2
CR4B
0/VBUS
CR4A
CR3A
G4
G3
S3
S4
Q4
NTC2
Q3
VBUS
OUT1
OUT2
NTC1
NTC2
G3
S3
VBUS
G1
S1
G4
G2
S2
0/VBUS
S4
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
39
ID
Continuous Drain Current
Tc = 80°C
29
IDM
Pulsed Drain current
160
A
VGS
Gate - Source Voltage
±20
V
RDSon
Drain - Source ON Resistance
70
m
PD
Maximum Power Dissipation
Tc = 25°C
250
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
VDSS = 600V
RDSon = 70mΩ max @ Tj = 25°C
ID = 39A @ Tc = 25°C
Application
Motor control
Switched Mode Power Supplies
Uninterruptible Power Supplies
Features
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
Parallel SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
RoHS compliant
Full - Bridge
Series & SiC parallel diodes
Super Junction
MOSFET Power Module


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn