Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTC60DSKM70T3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APTC60DSKM70T3G
Description  Dual buck chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTC60DSKM70T3G Datasheet(HTML) 2 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APTC60DSKM70T3G
www.microsemi.com
2 - 6
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VGS = 0V,VDS = 600V
Tj = 25°C
25
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 600V
Tj = 125°C
250
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 39A
70
m
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.7mA
2.1
3
3.9
V
IGSS
Gate – Source Leakage Current
VGS = ±20 V, VDS = 0V
±100
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
7
Coss
Output Capacitance
2.56
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
0.21
nF
Qg
Total gate Charge
259
Qgs
Gate – Source Charge
29
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 300V
ID = 39A
111
nC
Td(on)
Turn-on Delay Time
21
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
283
Tf
Fall Time
Inductive Switching @ 125°C
VGS = 15V
VBus = 400V
ID = 39A
RG = 5Ω
84
ns
Eon
Turn-on Switching Energy
670
Eoff
Turn-off Switching Energy
Inductive switching @ 25°C
VGS = 15V, VBus = 400V
ID = 39A, RG = 5Ω
980
µJ
Eon
Turn-on Switching Energy
1096
Eoff
Turn-off Switching Energy
Inductive switching @ 125°C
VGS = 15V, VBus = 400V
ID = 39A, RG = 5Ω
1206
µJ
Chopper diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
600
V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR=600V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
40
A
Tj = 25°C
1.45
VF
Diode Forward Voltage
IF = 40A
VGE = 0V
Tj = 125°C
1.35
V
Tj = 25°C
95
trr
Reverse Recovery Time
Tj = 125°C
115
ns
Tj = 25°C
2.6
Qrr
Reverse Recovery Charge
IF = 40A
VR = 300V
di/dt =2600A/µs
Tj = 125°C
4
µC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn