Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTC60DSKM35T3G Datasheet(PDF) 6 Page - Microsemi Corporation

Part No. APTC60DSKM35T3G
Description  Dual buck chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTC60DSKM35T3G Datasheet(HTML) 6 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTC60DSKM35T3G
www.microsemi.com
6 - 6
TJ=25°C
TJ=150°C
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
350
0
20
40
60
80
100 120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
120
0
20406080
100
120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20406080
100
120
ID, Drain Current (A)
VDS=400V
RG=2.5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
2
4
6
8
10
0
5
10
15
20
25
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=400V
ID=72A
TJ=125°C
L=100µH
hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
140
15 20 25 30 35 40 45 50 55 60 65
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=400V
D=50%
RG=2.5Ω
TJ=125°C
TC=75°C
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn