Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTC60DDAM70T3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APTC60DDAM70T3G
Description  Dual boost chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTC60DDAM70T3G Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTC60DDAM70T3G
www.microsemi.com
1 - 6
14
13
Q1
Q2
23
8
22
7
CR1
CR2
30
29
32
4
26
3
27
31
16
15
R1
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
39
ID
Continuous Drain Current
Tc = 80°C
29
IDM
Pulsed Drain current
160
A
VGS
Gate - Source Voltage
±20
V
RDSon
Drain - Source ON Resistance
70
m
PD
Maximum Power Dissipation
Tc = 25°C
250
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
VDSS = 600V
RDSon = 70mΩ max @ Tj = 25°C
ID = 39A @ Tc = 25°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
-
Very rugged
Kelvin source for easy drive
Very low stray inductance
-
Symmetrical design
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
Each leg can be easily paralleled to achieve a single
boost of twice the current capability
RoHS Compliant
Dual boost chopper
Super Junction MOSFET
Power Module


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn