Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTC60DDAM35T3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part No. APTC60DDAM35T3G
Description  Dual boost chopper Super Junction MOSFET Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60DDAM35T3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTC60DDAM35T3G Datasheet HTML 1Page - Microsemi Corporation APTC60DDAM35T3G Datasheet HTML 2Page - Microsemi Corporation APTC60DDAM35T3G Datasheet HTML 3Page - Microsemi Corporation APTC60DDAM35T3G Datasheet HTML 4Page - Microsemi Corporation APTC60DDAM35T3G Datasheet HTML 5Page - Microsemi Corporation APTC60DDAM35T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTC60DDAM35T3G
www.microsemi.com
4 - 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
4V
4.5V
5V
5.5V
6V
6.5V
0
40
80
120
160
200
240
280
320
360
400
0
5
10
15
20
25
VDS, Drain to Source Voltage (V)
VGS=15&10V
Low Voltage Output Characteristics
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
40
80
120
160
200
240
280
01
234
567
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.9
0.95
1
1.05
1.1
0
20
40
60
80
100
120
ID, Drain Current (A)
Normalized to
VGS=10V @ 36A
0
10
20
30
40
50
60
70
80
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn