Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1548T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1548T
Description  Bitstream continuous calibration filter-DAC with headphone driver and DSP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1548T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1548T Datasheet HTML 1Page - NXP Semiconductors TDA1548T Datasheet HTML 2Page - NXP Semiconductors TDA1548T Datasheet HTML 3Page - NXP Semiconductors TDA1548T Datasheet HTML 4Page - NXP Semiconductors TDA1548T Datasheet HTML 5Page - NXP Semiconductors TDA1548T Datasheet HTML 6Page - NXP Semiconductors TDA1548T Datasheet HTML 7Page - NXP Semiconductors TDA1548T Datasheet HTML 8Page - NXP Semiconductors TDA1548T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1995 Nov 15
5
Philips Semiconductors
Product specification
Bitstream continuous calibration filter-DAC
with headphone driver and DSP
TDA1548T
PINNING
SYMBOL
PIN
DESCRIPTION
VSSO
1
operational amplifier ground
VCOM
2
common output pin
VOL
3
left channel audio voltage output
FILTCL
4
capacitor for left channel first-order
filter function should be connected
between this pin and VOL (pin 3)
MODE0
5
mode 0 selection pin
MODE1
6
mode 1 selection pin
BCK
7
bit clock input
WS
8
word select input
DATA
9
data input
VDDD
10
digital supply voltage
VSSD
11
digital ground
SYSCLK
12
system clock 64fs, 256fs or 384fs
IF1
13
input format selection 1
IF2
14
input format selection 2
DEEM
15
de-emphasis input (fs = 44.1 kHz)
(active HIGH)
MUTE
16
soft-mute input (active HIGH)
CLSEL
17
system clock selection input
ADref
18
reference voltage output to
external potentiometer
ADTR
19
analog sense input for treble
setting
ADBB
20
analog sense input for bass boost
setting
ADVC
21
analog sense input for volume
control setting
AD3S
22
3-position switch input for
flat/min/max setting
VDDA
23
analog supply voltage
VSSA
24
analog ground
Vref
25
internal reference voltage
(0.5VDDA typ)
FILTCR
26
capacitor for right channel
first-order filter function should be
connected between this pin and
VOR (pin 27)
VOR
27
right channel audio voltage output
VDDO
28
operational amplifier supply
voltage
Fig.2 Pin configuration.
handbook, halfpage
TDA1548T
MGC669
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
SSO
V
COM
VOL
FILTCL
MODE0
MODE1
BCK
WS
DATA
V
DDD
V
SSD
SYSCLK
IF1
IF2
V
DDO
VOR
FILTCR
V
ref
V
SSA
V
DDA
AD3S
ADVC
ADBB
ADTR
AD
ref
CLSEL
MUTE
DEEM


Similar Part No. - TDA1548T

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
TDA1548AG DELTA-TDA1548AG Datasheet
751Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - TDA1548T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com