Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT40N60JCU3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APT40N60JCU3
Description  ISOTOP Buck chopper Super Junction MOSFET Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APT40N60JCU3 Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APT40N60JCU3
www.microsemi.com
1 - 8
ISOTOP
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
A
S
G
D
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
40
ID
Continuous Drain Current
Tc = 80°C
30
IDM
Pulsed Drain current
120
A
VGS
Gate - Source Voltage
±20
V
RDSon
Drain - Source ON Resistance
70
m
PD
Maximum Power Dissipation
Tc = 25°C
290
W
IAR
Avalanche current (repetitive and non repetitive)
20
A
EAR
Repetitive Avalanche Energy
1
EAS
Single Pulse Avalanche Energy
1800
mJ
IFAV
Maximum Average Forward Current
Duty cycle=0.5
Tc = 80°C
30
IFRMS
RMS Forward Current (Square wave, 50% duty)
39
A
VDSS = 600V
RDSon = 70mΩ max @ Tj = 25°C
ID = 40A @ Tc = 25°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
ISOTOP® Package (SOT-227)
Very low stray inductance
High level of integration
Benefits
Outstanding performance at high frequency operation
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
ISOTOP® Buck chopper
Super Junction
MOSFET Power Module
A
D
G
S


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT40N60JCU2ISOTOP Boost chopper Super Junction MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT10M11JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT20M22JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT10M11JVRU2ISOTOP Boost chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT20M22JVRU2ISOTOP Boost chopper MOSFET Power Module 1 2 Microsemi Corporation
APT31N80JC3Super Junction MOSFET 1 2 3 4 5 Microsemi Corporation
APT34N80B2C3Super Junction MOSFET 1 2 3 4 5 Microsemi Corporation
APT30GF60JU3ISOTOP Buck chopper NPT IGBT 1 2 3 4 5 MoreMicrosemi Corporation
APT35GT120JU2ISOTOP Buck chopper Trench IGBT 1 2 3 4 5 MoreMicrosemi Corporation
APT35GT120JU3ISOTOP Buck chopper Trench IGBT 1 2 3 4 5 MoreMicrosemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn