Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT40N60JCU2 Datasheet(PDF) 3 Page - Microsemi Corporation

Part No. APT40N60JCU2
Description  ISOTOP Boost chopper Super Junction MOSFET Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APT40N60JCU2 Datasheet(HTML) 3 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APT40N60JCU2
www.microsemi.com
3 – 8
Chopper diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
IF = 30A
1.6
1.8
IF = 60A
1.9
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.4
V
VR = 600V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR = 600V
Tj = 125°C
500
µA
CT
Junction Capacitance
VR = 200V
44
pF
Reverse Recovery Time
IF=1A,VR=30V
di/dt =100A/µs
Tj = 25°C
23
Tj = 25°C
85
trr
Reverse Recovery Time
Tj = 125°C
160
ns
Tj = 25°C
4
IRRM
Maximum Reverse Recovery Current
Tj = 125°C
8
A
Tj = 25°C
130
Qrr
Reverse Recovery Charge
IF = 30A
VR = 400V
di/dt =200A/µs
Tj = 125°C
700
nC
trr
Reverse Recovery Time
70
ns
Qrr
Reverse Recovery Charge
1300
nC
IRRM
Maximum Reverse Recovery Current
IF = 30A
VR = 400V
di/dt =1000A/µs
Tj = 125°C
30
A
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
CoolMos
0.43
RthJC
Junction to Case Thermal Resistance
Diode
1.21
RthJA
Junction to Ambient (IGBT & Diode)
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG Storage Temperature Range
-55
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g
Typical CoolMOS Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Fig 1, Maximum Effective transient thermal Impe dance, Junction to case vs Pulse Duration


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT10M11JVRU2ISOTOP Boost chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT20M22JVRU2ISOTOP Boost chopper MOSFET Power Module 1 2 Microsemi Corporation
APT20M22JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT10M11JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT31N80JC3Super Junction MOSFET 1 2 3 4 5 Microsemi Corporation
APT34N80B2C3Super Junction MOSFET 1 2 3 4 5 Microsemi Corporation
APT30GF60JU2ISOTOP Boost chopper NPT IGBT 1 2 3 4 5 MoreMicrosemi Corporation
DIM200PKM33-F000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
BUV298V_06NPN transistor power module 1 2 3 4 5 MoreSTMicroelectronics
SDM-09120925-960 MHz Class AB 130W Power Amplifier Module 1 2 3 4 5 SIRENZA MICRODEVICES

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn