Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT35GT120JU3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APT35GT120JU3
Description  ISOTOP Buck chopper Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APT35GT120JU3 Datasheet(HTML) 2 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APT35GT120JU3
www.microsemi.com
2 - 7
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
5
mA
Tj = 25°C
1.4
1.7
2.1
VCE(sat)
Collector Emitter saturation Voltage
VGE =15V
IC = 35A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE, IC = 3mA
5.0
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = ±20V, VCE = 0V
500
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
2530
Coes
Output Capacitance
132
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
115
pF
Td(on)
Turn-on Delay Time
85
Tr
Rise Time
30
Td(off)
Turn-off Delay Time
420
Tf
Fall Time
Resistive Switching (25°C)
VGE = 15V
VBus = 600V
IC = 35A
RG = 27Ω
62
ns
Td(on)
Turn-on Delay Time
90
Tr
Rise Time
45
Td(off)
Turn-off Delay Time
520
Tf
Fall Time
90
ns
Eon
Turn-on Switching Energy
5.8
Eoff
Turn-off Switching Energy
Inductive Switching (125°C)
VGE = 15V
VBus = 600V
IC = 35A
RG = 27Ω
4.6
mJ


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT35GT120JU2ISOTOP Buck chopper Trench IGBT 1 2 3 4 5 MoreMicrosemi Corporation
APT30GF60JU3ISOTOP Buck chopper NPT IGBT 1 2 3 4 5 MoreMicrosemi Corporation
APT10M11JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT20M22JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT30GF60JU2ISOTOP Boost chopper NPT IGBT 1 2 3 4 5 MoreMicrosemi Corporation
IRGP4065PBFPDP TRENCH IGBT 1 2 3 4 5 MoreInternational Rectifier
IRGP4085DPBFPDP TRENCH IGBT 1 2 3 4 5 MoreInternational Rectifier
DIM200PKM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
APT10M11JVRU2ISOTOP Boost chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
FGA15N120ANTD_11200V NPT Trench IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn