Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT35GT120JU3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APT35GT120JU3
Description  ISOTOP Buck chopper Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APT35GT120JU3 Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APT35GT120JU3
www.microsemi.com
1 - 7
ISOTOP
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
IC1
TC= 25°C
55
IC2
Continuous Collector Current
TC= 80°C
35
ICM
Pulsed Collector Current
TC= 25°C
80
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC= 25°C
260
W
IFAV
Maximum Average Forward Current
Duty cycle=0.5
TC = 80°C
27
IFRMS
RMS Forward Current (Square wave, 50% duty)
34
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
C
A
E
G
VCES = 1200V
IC = 35A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Trench + Field Stop IGBT® Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
ISOTOP® Package (SOT-227)
Very low stray inductance
High level of integration
Benefits
Low conduction losses
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
ISOTOP® Buck chopper
Trench + Field Stop IGBT®
A
C
G
E


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APT35GT120JU2ISOTOP Buck chopper Trench IGBT 1 2 3 4 5 MoreMicrosemi Corporation
APT30GF60JU3ISOTOP Buck chopper NPT IGBT 1 2 3 4 5 MoreMicrosemi Corporation
APT10M11JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT20M22JVRU3ISOTOP Buck chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
APT30GF60JU2ISOTOP Boost chopper NPT IGBT 1 2 3 4 5 MoreMicrosemi Corporation
IRGP4065PBFPDP TRENCH IGBT 1 2 3 4 5 MoreInternational Rectifier
IRGP4085DPBFPDP TRENCH IGBT 1 2 3 4 5 MoreInternational Rectifier
DIM200PKM33-A000IGBT Chopper Module 1 2 3 4 5 MoreDynex Semiconductor
APT10M11JVRU2ISOTOP Boost chopper MOSFET Power Module 1 2 3 4 5 MoreMicrosemi Corporation
FGA15N120ANTD_11200V NPT Trench IGBT 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn