Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1524A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA1524A
Description  Stereo-tone/volume control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1524A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1524A Datasheet HTML 7Page - NXP Semiconductors TDA1524A Datasheet HTML 8Page - NXP Semiconductors TDA1524A Datasheet HTML 9Page - NXP Semiconductors TDA1524A Datasheet HTML 10Page - NXP Semiconductors TDA1524A Datasheet HTML 11Page - NXP Semiconductors TDA1524A Datasheet HTML 12Page - NXP Semiconductors TDA1524A Datasheet HTML 13Page - NXP Semiconductors TDA1524A Datasheet HTML 14Page - NXP Semiconductors TDA1524A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
September 1987
11
Philips Semiconductors
Product specification
Stereo-tone/volume control circuit
TDA1524A
Fig.8
Treble control curve; voltage gain (Gv) as a function of control voltage (V10-18). Measured in Fig.1
(internal potentiometer supply from pin 17 used); VP = 8,5 V; f = 16 kHz.
Fig.9
Contour frequency response curves; voltage gain (Gv) as a function of audio input frequency.
Measured in Fig.1 with single-pole filter; VP = 8,5 V.


Similar Part No. - TDA1524A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Similar Description - TDA1524A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
   Stereo-tone/volume control circuit
May 1992
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
   DC VOLUME, TONE CONTROL CIRCUIT
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com