Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65ALS180 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ALS180
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ALS180 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65ALS180 Datasheet HTML 3Page - Texas Instruments SN65ALS180 Datasheet HTML 4Page - Texas Instruments SN65ALS180 Datasheet HTML 5Page - Texas Instruments SN65ALS180 Datasheet HTML 6Page - Texas Instruments SN65ALS180 Datasheet HTML 7Page - Texas Instruments SN65ALS180 Datasheet HTML 8Page - Texas Instruments SN65ALS180 Datasheet HTML 9Page - Texas Instruments SN65ALS180 Datasheet HTML 10Page - Texas Instruments SN65ALS180 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN65ALS180, SN75ALS180
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SLLS052G – AUGUST 1987 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
9
14
19
ns
tPHL
Propagation delay time, high- to low-level output
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
9
14
19
ns
Skew (|tPHL – tPLH|)
VID = –1.5 V to 1.5 V,
See Figure 7
CL = 15 pF,
2
6
ns
tPZH
Output enable time to high level
CL = 15 pF,
See Figure 8
7
14
ns
tPZL
Output enable time to low level
CL = 15 pF,
See Figure 8
7
14
ns
tPHZ
Output disable time from high level
CL = 15 pF,
See Figure 8
20
35
ns
tPLZ
Output disable time from low level
CL = 15 pF,
See Figure 8
8
17
ns
† All typical values are at VCC = 5 V, TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
VOC
R
L
2
VOD2
R
L
2
Figure 1. Driver VOD and VOC
VOD3
Vtest
375
60
375
Figure 2. Driver VOD3


Similar Part No. - SN65ALS180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65ALS180D TI-SN65ALS180D Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65ALS180DE4 TI-SN65ALS180DE4 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65ALS180DR TI-SN65ALS180DR Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65ALS180DRE4 TI-SN65ALS180DRE4 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65ALS180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com