Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74VMEH22501ADGGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74VMEH22501ADGGR
Description  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501ADGGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74VMEH22501ADGGR Datasheet HTML 3Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 4Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 5Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 6Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 7Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 8Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 9Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 10Page - Texas Instruments SN74VMEH22501ADGGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SN74VMEH22501A
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES620 – DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range for A and B
ports (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3.15 V,
II = −18 mA
−1.2
V
3A port, any B ports,
and Y outputs
VCC = 3.15 V to 3.45 V,
IOH = −100 µA
VCC−0.2
VOH
3A port and Y outputs
VCC = 3.15 V
IOH = −6 mA
2.4
V
VOH
3A port and Y outputs
VCC = 3.15 V
IOH = −12 mA
2
V
Any B port
VCC = 3.15 V
IOH = −24 mA
2.4
Any B port
VCC = 3.15 V
IOH = −48 mA
2
3A port, any B ports,
and Y outputs
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
3A port and Y outputs
VCC = 3.15 V
IOL = 6 mA
0.55
VOL
3A port and Y outputs
VCC = 3.15 V
IOL = 12 mA
0.8
V
VOL
IOL = 24 mA
0.4
V
Any B port
VCC = 3.15 V
IOL = 48 mA
0.55
Any B port
VCC = 3.15 V
IOL = 64 mA
0.6
II
Control inputs,
VCC = 3.45 V,
VI = VCC or GND
±1
A
II
Control inputs,
1A and 2A
VCC = 0 or 3.45 V,
VI = 5.5 V
5
µA
IOZH‡
3A port, any B port,
and Y outputs
VCC = 3.45 V,
VO = VCC or 5.5 V
5
µA
IOZL‡
3A port and Y outputs
VCC = 3.45 V,
VO = GND
−5
A
IOZL‡
Any B port
VCC = 3.45 V,
VO = GND
−20
µA
Ioff
VCC = 0, BIAS VCC = 0,
VI or VO = 0 to 5.5 V
±10
µA
IBHL§
3A port
VCC = 3.15 V,
VI = 0.8 V
75
µA
IBHH¶
3A port
VCC = 3.15 V,
VI = 2 V
−75
µA
IBHLO#
3A port
VCC = 3.45 V,
VI = 0 to VCC
500
µA
IBHHO|| 3A port
VCC = 3.45 V,
VI = 0 to VCC
−500
µA
IOZ(PU/PD)k
VCC ≤ 1.3 V, VO = 0.5 V to VCC,
VI = GND or VCC, OE = don’t care
±10
µA
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For I/O ports, the parameters IOZH and IOZL include the input leakage current.
§ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND, then
raising it to VIL max.
¶ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC, then
lowering it to VIH min.
# An external driver must source at least IBHLO to switch this node from low to high.
|| An external driver must sink at least IBHHO to switch this node from high to low.
k High-impedance state during power up or power down


Similar Part No. - SN74VMEH22501ADGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Similar Description - SN74VMEH22501ADGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501_10 Datasheet
569Kb / 31P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com