Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSTU32866 Datasheet(PDF) 28 Page - Texas Instruments

Part # SN74SSTU32866
Description  25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSTU32866 Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN74SSTU32866 Datasheet HTML 24Page - Texas Instruments SN74SSTU32866 Datasheet HTML 25Page - Texas Instruments SN74SSTU32866 Datasheet HTML 26Page - Texas Instruments SN74SSTU32866 Datasheet HTML 27Page - Texas Instruments SN74SSTU32866 Datasheet HTML 28Page - Texas Instruments SN74SSTU32866 Datasheet HTML 29Page - Texas Instruments SN74SSTU32866 Datasheet HTML 30Page - Texas Instruments SN74SSTU32866 Datasheet HTML 31Page - Texas Instruments SN74SSTU32866 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
SN74SSTU32866
25BIT CONFIGURABLE REGISTERED BUFFER
WITH ADDRESSPARITY TEST
SCES564 − APRIL 2004
28
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing diagram for the first SN74SSTU32866 (1:2 Register-A configuration) device used in pair;
C0 = 0, C1 = 1 (RESET switches from H to L)
CLK†
D1−D14†
RESET
DCS†
CSR†
CLK†
Q1−Q14
PAR_IN†
PPO
QERR
(not used)
tinact
tRPHL
RESET to Q
tRPHL
RESET to PPO
tRPLH
RESET to QERR
H, L, or X
H or L
† After RESET is switched from high to low, all data and clock input signals must be held at valid logic levels (not floating) for a minimum
time of tinact max.


Similar Part No. - SN74SSTU32866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866AZKER TI1-SN74SSTU32866AZKER Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

Similar Description - SN74SSTU32866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_V01 Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32866A TI-74SSTUB32866A Datasheet
1Mb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI1-SN74SSTUB32866_17 Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTEB32866 TI1-SN74SSTEB32866 Datasheet
1Mb / 37P
[Old version datasheet]   1.5V/1.8V 25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Integrated Device Techn...
IDT74SSTUA32866 IDT-IDT74SSTUA32866 Datasheet
258Kb / 19P
   1.8V CONFIGURABLE BUFFER WITH ADDRESS-PARITY TEST
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com