Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3822EDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3822EDD
Description  No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822EDD Datasheet(HTML) 4 Page - Linear Technology

  LTC3822EDD Datasheet HTML 1Page - Linear Technology LTC3822EDD Datasheet HTML 2Page - Linear Technology LTC3822EDD Datasheet HTML 3Page - Linear Technology LTC3822EDD Datasheet HTML 4Page - Linear Technology LTC3822EDD Datasheet HTML 5Page - Linear Technology LTC3822EDD Datasheet HTML 6Page - Linear Technology LTC3822EDD Datasheet HTML 7Page - Linear Technology LTC3822EDD Datasheet HTML 8Page - Linear Technology LTC3822EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC3822
3822f
LOAD CURRENT (mA)
100
90
80
70
95
85
75
60
50
65
55
100
1000
10000
3822 G01
VIN = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.0V
LOAD CURRENT (mA)
100
100
90
80
70
60
50
40
30
20
10
0
10
1
0.1
0.01
1000
10000
3822 G02
EFFICIENCY
VIN = 3.3V
VIN = 3.3V
VIN = 4.2V
VIN = 4.2V
VOUT = 1.8V
POWER LOSS
ITH VOLTAGE (V)
0.5
–20
0
20
40
60
100
1
2.0
1.5
3822 G03
80
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
Efficiency and Power Loss vs
Load Current
Maximum Current Sense Voltage
vs ITH Pin Voltage
Load Step
Start-Up with Internal Soft-Start
TA = 25°C unless otherwise noted.
VOUT
100mV/DIV
IL
2A/DIV
ILOAD
2A/DIV
40
µs/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 1A TO 3A
3822 G04
VOUT
1.8V
500mV/DIV
200
µs/DIV
VIN = 4.2V
RLOAD = 1Ω
3822 G05


Similar Part No. - LTC3822EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3822EDD-1 LINER-LTC3822EDD-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3822EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822 LINER-LTC3822_15 Datasheet
209Kb / 20P
   Voltage, Synchronous Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9213 TOREX-XC9213_2 Datasheet
1Mb / 34P
   Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com