Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3718 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3718
Description  Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3718 Datasheet(HTML) 1 Page - Linear Technology

  LTC3718 Datasheet HTML 1Page - Linear Technology LTC3718 Datasheet HTML 2Page - Linear Technology LTC3718 Datasheet HTML 3Page - Linear Technology LTC3718 Datasheet HTML 4Page - Linear Technology LTC3718 Datasheet HTML 5Page - Linear Technology LTC3718 Datasheet HTML 6Page - Linear Technology LTC3718 Datasheet HTML 7Page - Linear Technology LTC3718 Datasheet HTML 8Page - Linear Technology LTC3718 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3718
3718fa
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Low Input Voltage
DC/DC Controller for
DDR/QDR Memory Termination
s
Very Low VIN(MIN): 1.5V
s
Ultrafast Transient Response
s
True Current Mode Control
s
5V Drive for N-Channel MOSFETs Eliminates
Auxillary 5V Supply
s
No Sense Resistor Required
s
Uses Standard 5V Logic-Level N-Channel MOSFETs
s
VOUT(MIN): 0.4V
s
VOUT Tracks 1/2 VIN or External VREF
s
Symmetrical Source and Sink Output Current Limit
s
Adjustable Switching Frequency
s
tON(MIN) <100ns
s
Power Good Output Voltage Monitor
s
Programmable Soft-Start
s
Output Overvoltage Protection
s
Optional Short-Circuit Shutdown Timer
s
Small 24-Lead SSOP Package
s
Bus Termination: DDR/QDR Memory, SSTL, HSTL, ...
s
Servers, RAID Systems
s
Distributed Power Systems
s
Synchronous Buck with General Purpose Boost
The LTC
®3718 is a high current, high efficiency synchro-
nous switching regulator controller for DDR and QDR
TM
memory termination. It operates from an input as low as
1.5V and provides a regulated output voltage equal to
(0.5)VIN. The controller uses a valley current control
architecture to enable high frequency operation with very
low on-times without requiring a sense resistor. Operating
frequency is selected by an external resistor and is com-
pensated for variations in VIN and VOUT. The LTC3718 uses
a pair of standard 5V logic level N-channel external
MOSFETs, eliminating the need for expensive P-channel
or low threshold devices.
Forced continuous operation reduces noise and RF inter-
ference. Fault protection is provided by internal foldback
current limiting, an output overvoltage comparator and an
optional short-circuit timer. Soft-start capability for sup-
ply sequencing can be accomplished using an external
timing capacitor. OPTI-LOOP
® compensation allows the
transient response to be optimized over a wide range of
loads and output capacitors.
Efficiency vs Load Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a registered trademark of Linear Technology Corporation. No RSENSE is a
trademark of Linear Technology Corporation. QDR RAMs and Quad Data Rate RAMs comprise a
new family of products developed by Cypress Semiconductor, IDT and Micron Technology, Inc.
CSS
0.1
µF
RC 4.75k
LTC3718
C1 820pF X7R
RON
237k
RF1 12.1k
COUT: SANYO POSCAP 4TPB470M
L1: SUMIDA CEP125-0R8MC
L2: PANASONIC ELJPC4R7MF
RF2 37.4k
CIN2
4.7
µF
L2
4.7
µH
M2
Si7440DP
D2
B340A
3718 TA01
L1 0.8
µH
D3
MBR0520
CVCC1
10
µF
CB
0.33
µF
DB
CMDSH-3
COUT
470
µF
×2
M1
Si7440DP
VIN
2.5V
VOUT
1.25V
±10A
VIN
CIN1
22
µF
×2
D1
B340A
SHDN
BOOST
VREF
TG
ION
SW1
VFB1
SENSE+
PGOOD
PGND1
RUN/SS
SENSE
ITH
BG
SGND1
INTVCC
SGND2
VIN1
VFB2
SW2
PGND2
VIN2
VOUT
+
Figure 1. High Efficiency Bus Termination Supply without Auxiliary 5V Supply
LOAD CURRENT (A)
100
90
80
70
60
50
40
30
20
10
0
0.01
1
10
100
3718 G05/TA01a
0.1
VIN = 2.5V
VOUT = 1.25V
FIGURE 1 CIRCUIT


Similar Part No. - LTC3718

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3718 LINER-LTC3718_15 Datasheet
253Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
More results

Similar Description - LTC3718

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3718 LINER-LTC3718_15 Datasheet
253Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
PTHXX060Y ARTESYN-PTHXX060Y Datasheet
232Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Linear Technology
LTC3776 LINER-LTC3776 Datasheet
429Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller for DDR/QDR Memory Termination
LTC3776 LINER-LTC3776_15 Datasheet
392Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717 LINER-LTC3717 Datasheet
255Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
   Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com