Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3419EDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3419EDD
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419EDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3419EDD Datasheet HTML 6Page - Linear Technology LTC3419EDD Datasheet HTML 7Page - Linear Technology LTC3419EDD Datasheet HTML 8Page - Linear Technology LTC3419EDD Datasheet HTML 9Page - Linear Technology LTC3419EDD Datasheet HTML 10Page - Linear Technology LTC3419EDD Datasheet HTML 11Page - Linear Technology LTC3419EDD Datasheet HTML 12Page - Linear Technology LTC3419EDD Datasheet HTML 13Page - Linear Technology LTC3419EDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3419
10
3419f
deviations do not offer much relief. Note that capacitor
manufacturer’s ripple current ratings are often based on
only 2000 hours lifetime. This makes it advisable to further
derate the capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet the size or height requirements of the
design. An additional 0.1μF to 1μF ceramic capacitor is
also recommended on VIN for high frequency decoupling
when not using an all-ceramic capacitor solution.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple ΔVOUT is determined by:
Δ≈ Δ
+
⎝⎜
⎠⎟
VI
ESR
fC
OUT
L
O OUT
1
8
where fO = operating frequency, COUT = output capacitance
and ΔIL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since ΔIL increases with input voltage.
If tantalum capacitors are used, it is critical that the capaci-
tors are surge tested for use in switching power supplies.
An excellent choice is the AVX TPS series of surface mount
tantalum. These are specially constructed and tested for low
ESR so they give the lowest ESR for a given volume. Other
capacitor types include Sanyo POSCAP, Kemet T510 and
T495 series, and Sprague 593D and 595D series. Consult
the manufacturer for other specific recommendations.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high
ripple current, high voltage rating and low ESR make
them ideal for switching regulator applications. Because
the LTC3419 control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input. When a ceramic capacitor is used at the
input and the power is supplied by a wall adapter through
long wires, a load step at the output can induce ringing at
the input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN, large enough to damage the
part. For more information, see Application Note 88.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Setting the Output Voltage
The LTC3419 regulates the VFB1 and VFB2 pins to 0.6V
during regulation. Thus, the output voltage is set by a
resistive divider according to the following formula:
VV
R
R
OUT =+
⎝⎜
⎠⎟
06
1
2
1
2
.( )
Keeping the current small (< 10μA) in these resistors
maximizes efficiency, but making it too small may allow
stray capacitance to cause noise problems or reduce the
phase margin of the error amp loop.
To improve the frequency response of the main control
loop, a feedback capacitor (CF) may also be used. Great
care should be taken to route the VFB line away from noise
sources, such as the inductor or the SW line.
Fixed output versions of the LTC3419 (e.g. LTC3419-1)
include an internal resistive divider, eliminating the need
for external resistors. The resistor divider is chosen such
that the VFB input current is approximately 3μA. For these
versions the VFB pin should be connected directly to VOUT.
Table 2 lists the fixed output voltages available for the
LTC3419.
APPLICATIONS INFORMATION
Table 2. Fixed Output Voltage Versions
PART NUMBER
VOUT1
VOUT2
LTC3419
Adjustable
Adjustable
LTC3419-1
1.575V
1.8V


Similar Part No. - LTC3419EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
More results

Similar Description - LTC3419EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com