Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2704IGW-12 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2704IGW-12
Description  Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2704IGW-12 Datasheet(HTML) 4 Page - Linear Technology

  LTC2704IGW-12 Datasheet HTML 1Page - Linear Technology LTC2704IGW-12 Datasheet HTML 2Page - Linear Technology LTC2704IGW-12 Datasheet HTML 3Page - Linear Technology LTC2704IGW-12 Datasheet HTML 4Page - Linear Technology LTC2704IGW-12 Datasheet HTML 5Page - Linear Technology LTC2704IGW-12 Datasheet HTML 6Page - Linear Technology LTC2704IGW-12 Datasheet HTML 7Page - Linear Technology LTC2704IGW-12 Datasheet HTML 8Page - Linear Technology LTC2704IGW-12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC2704
2704f
ELECTRICAL CHARACTERISTICS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C,
V+1 = V+2 = 15V, V= –15V, VDD = 5V, REF1 = REF2 = 5V, AGND = AGNDx = REFG1 = REFG2 = GND = 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Performance (Note 4)
Glitch Impulse
0V to 5V Range, Midscale Transition
2
nV-s
Crosstalk
10V Step on VOUTA
DAC B: 0V to 5V Range, Full Scale
2
nV-s
DAC B: 0V to 10V Range, Full Scale
3
nV-s
Digital Feedthrough
±10V Range, Midscale
0.2
nV-s
Multiplying Feedthrough Error
0V to 10V Range, VREF = ±5V, 10kHz Sine Wave
0.35
mVP-P
Multiplying Bandwidth
Span = 0V to 5V, Full Scale
300
kHz
Span = 0V to 10V, Full Scale
250
kHz
Output Noise Voltage Density
10kHz
Span = 0V to 5V, Midscale
30
nV/
√Hz
Span = 0V to 10V, Midscale
50
nV/
√Hz
Output Noise Voltage
0.1Hz to 10Hz
Span = 0V to 5V, Midscale
0.8
µVRMS
Span = 0V to 10V, Midscale
1.2
µVRMS
Power Supply
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
0.5
2
µA
IS
Supply Current, V+/V
V+/V=
±15V, ±10%; VREF = 5V, VOUT = 0V (Note 2)
17.5
20
mA
V+/V=
±5V, ±10%; VREF = 2V, VOUT = 0V (Note 2)
17.0
18
mA
Sleep Mode—All DACs (Note 4)
1mA
VDD
Logic Supply Voltage
2.7
5.5
V
V+1/V+2
Positive Analog Supply Voltage
4.5
16.5
V
V
Negative Analog Supply Voltage
–16.5
– 4.5
V
Digital Inputs/Outputs
VIH
Digital Input High Voltage
VDD = 2.7V to 5.5V
2.4
V
VDD = 2.7V to 3.3V
2.0
V
VIL
Digital Input Low Voltage
VDD = 2.7V to 5.5V
0.6
V
VDD = 4.5V to 5.5V
0.8
V
VOH
Digital Output High Voltage
IOH = 200µA
VCC – 0.4
V
VOL
Digital Output Low Voltage
IOL = 200µA
0.4
V
IIN
Digital Input Current
0.001
±1
µA
CIN
Digital Input Capacitance
VIN = 0V (Note 3)
5pF
TI I G CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD = 4.5V to 5.5V
t1
SDI Valid to SCK Setup
7ns
t2
SDI Valid to SCK Hold
7ns
t3
SCK High Time
11
ns
t4
SCK Low Time
11
ns
t5
CS/LD Pulse Width
9ns
t6
LSB SCK High to CS/LD High
0ns
t7
CS/LD Low to SCK Positive Edge
12
ns
t8
CS/LD High to SCK Positive Edge
12
ns
t9
SRO Propagation Delay
CLOAD = 10pF
18
ns
t10
CLR Pulse Width
50
ns


Similar Part No. - LTC2704IGW-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704IGW-12PBF LINER-LTC2704IGW-12PBF Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704IGW-12TRPBF LINER-LTC2704IGW-12TRPBF Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
More results

Similar Description - LTC2704IGW-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com