Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2704IGW-12 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2704IGW-12
Description  Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2704IGW-12 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2704IGW-12 Datasheet HTML 3Page - Linear Technology LTC2704IGW-12 Datasheet HTML 4Page - Linear Technology LTC2704IGW-12 Datasheet HTML 5Page - Linear Technology LTC2704IGW-12 Datasheet HTML 6Page - Linear Technology LTC2704IGW-12 Datasheet HTML 7Page - Linear Technology LTC2704IGW-12 Datasheet HTML 8Page - Linear Technology LTC2704IGW-12 Datasheet HTML 9Page - Linear Technology LTC2704IGW-12 Datasheet HTML 10Page - Linear Technology LTC2704IGW-12 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC2704
2704f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2704-16/LTC2704-14/LTC2704-12
Positive Slew
Negative Slew
2.5
µs/DIV
5V/DIV
2704 G13
V+/V=
±15V
VREF = 5V
±10V RANGE
20V STEP
2.5
µs/DIV
5V/DIV
2704 G14
V+/V=
±15V
VREF = 5V
±10V RANGE
20V STEP
2.5
µs/DIV
CS/LD
5V/DIV
VOUT
2mV/DIV
2704 G15
Midscale Glitch
LTC2704-14
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
2704 G09
–0.6
0.6
0.8
0.2
12288
16383
V+/V=
±15V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
2704 G10
–0.6
0.6
0.8
0.2
12288
16383
V+/V=
±15V
VREF = 5V
±10V RANGE
LTC2704-12
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1536
2048
2704 G11
–0.6
0.6
0.8
0.2
3072
512
1024
2560
3584 4095
V+/V=
±15V
VREF = 5V
±10V RANGE
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1536
2048
2704 G12
–0.6
0.6
0.8
0.2
3072
512
1024
2560
3584 4095
V+/V=
±15V
VREF = 5V
±10V RANGE


Similar Part No. - LTC2704IGW-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704IGW-12PBF LINER-LTC2704IGW-12PBF Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704IGW-12TRPBF LINER-LTC2704IGW-12TRPBF Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
More results

Similar Description - LTC2704IGW-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2754 LINER-LTC2754_15 Datasheet
507Kb / 28P
   Quad 12-/16-Bit SoftSpan IOUT DACs
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com