Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTBRS Datasheet(PDF) 11 Page - Linear Technology

Part # LTBRS
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBRS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTBRS Datasheet HTML 7Page - Linear Technology LTBRS Datasheet HTML 8Page - Linear Technology LTBRS Datasheet HTML 9Page - Linear Technology LTBRS Datasheet HTML 10Page - Linear Technology LTBRS Datasheet HTML 11Page - Linear Technology LTBRS Datasheet HTML 12Page - Linear Technology LTBRS Datasheet HTML 13Page - Linear Technology LTBRS Datasheet HTML 14Page - Linear Technology LTBRS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT3014
3014fb
OUTPUT VOLTAGE (V)
0
50
45
40
30
35
25
20
15
10
5
0
8
3014 F04
2
135
79
46
10
TJ = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
ADJ PIN
ESD CLAMP
APPLICATIO S I FOR ATIO
In situations where the ADJ pin is connected to a resistor
divider that would pull the ADJ pin above its 7V clamp
voltage if the output is pulled high, the ADJ pin input
current must be limited to less than 5mA. For example, a
resistor divider is used to provide a regulated 1.5V output
from the 1.22V reference when the output is forced to 60V.
The top resistor of the resistor divider must be chosen to
limit the current into the ADJ pin to less than 5mA when the
ADJ pin is at 7V. The 53V difference between the OUT and
ADJ pins divided by the 5mA maximum current into the
ADJ pin yields a minimum top resistor value of 10.6k.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up while the input is either pulled to
ground, pulled to some intermediate voltage, or is left
Figure 4. Reverse Output Current
open circuit. Current flow back into the output will follow
the curve shown in Figure 4. The rise in reverse output
current above 7V occurs from the breakdown of the 7V
clamp on the ADJ pin. With a resistor divider on the
regulator output, this current will be reduced depending
on the size of the resistor divider.
When the IN pin of the LT3014 is forced below the OUT pin
or the OUT pin is pulled above the IN pin, input current will
typically drop to less than 2
µA. This can happen if the input
of the LT3014 is connected to a discharged (low voltage)
battery and the output is held up by either a backup battery
or a second regulator circuit. The state of the SHDN pin will
have no effect on the reverse output current when the
output is pulled above the input.


Similar Part No. - LTBRS

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
LTB10-C240 PAIRUI-LTB10-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C350 PAIRUI-LTB10-C350 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C500 PAIRUI-LTB10-C500 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB10-C700 PAIRUI-LTB10-C700 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
LTB12-C240 PAIRUI-LTB12-C240 Datasheet
641Kb / 8P
   Constant Current LED Power Supplies
More results

Similar Description - LTBRS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014B LINER-LT3014B_15 Datasheet
223Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com