Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2493 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2493
Description  24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2493 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2493 Datasheet HTML 3Page - Linear Technology LTC2493 Datasheet HTML 4Page - Linear Technology LTC2493 Datasheet HTML 5Page - Linear Technology LTC2493 Datasheet HTML 6Page - Linear Technology LTC2493 Datasheet HTML 7Page - Linear Technology LTC2493 Datasheet HTML 8Page - Linear Technology LTC2493 Datasheet HTML 9Page - Linear Technology LTC2493 Datasheet HTML 10Page - Linear Technology LTC2493 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2493

2493fa
INPUT DIFFERENTIAL VOLTAGE (V)
0.4
0.6
0.8
1.0
0.5
0.7
0.9
–1.5
–0.5
0.5
1.5
2493 G10
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
FO = GND
VIN(CM) (V)
–1
0.8
0.9
1.0
2
4
2493 G11
0.7
0.6
0
1
3
5
6
0.5
0.4
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
TEMPERATURE (
°C)
–45
0.4
0.5
0.6
0.7
0.8
1.0
–30 –15
15
0
30 45 60
2493 G12
75 90
0.9
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.8
0.9
1.0
3.9
4.7
2493 G13
0.7
0.6
3.1
3.5
4.3
5.1
5.5
0.5
0.4
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VREF (V)
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
2493 G14
5
VCC = 5V
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VIN(CM) (V)
–1
0.1
0.2
0.3
2
4
2493 G15
0
–0.1
0
1
3
5
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
TEMPERATURE (
°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15 30
90
2493 G16
–0.1
–30
0
45 60 75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2493 G17
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
1
2
3
4
2493 G18
5
VCC = 5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
Typical perForMance characTerisTics
RMS Noise
vs Input Differential Voltage
RMS Noise vs VIN(CM)
RMS Noise vs Temperature (TA)
RMS Noise vs VCC
RMS Noise vs VREF
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC
Offset Error vs VREF


Similar Part No. - LTC2493

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2493 LINER-LTC2493_15 Datasheet
544Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2493

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2493 LINER-LTC2493_15 Datasheet
544Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485_15 Datasheet
636Kb / 40P
   24-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489 Datasheet
328Kb / 24P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com